Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP28255EL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP28255EL
Description  21V, 4A, 500kHz Synchronous Step-down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28255EL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP28255EL Datasheet HTML 6Page - Monolithic Power Systems MP28255EL Datasheet HTML 7Page - Monolithic Power Systems MP28255EL Datasheet HTML 8Page - Monolithic Power Systems MP28255EL Datasheet HTML 9Page - Monolithic Power Systems MP28255EL Datasheet HTML 10Page - Monolithic Power Systems MP28255EL Datasheet HTML 11Page - Monolithic Power Systems MP28255EL Datasheet HTML 12Page - Monolithic Power Systems MP28255EL Datasheet HTML 13Page - Monolithic Power Systems MP28255EL Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP28255 – 4A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28255 Rev. 1.01
www.MonolithicPower.com
10
3/11/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Figure 4—Startup Sequence Using External
Sync Clock Signal
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The MP28255 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.0V while its falling threshold is a
consistent 3.2V.
External Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0V to 1.2V. When it is lower
than the internal FB reference (REF), SS
overrides REF so the error amplifier uses SS as
the reference. When SS is higher than REF, REF
regains control. The SS time can be set by
external decoupled cap. The soft-start time can
be caculated as below:
A
nF
ms
t
ss
µ
10
)
(
C
Vref(V)
)
(
5
×
=
To reduce the susceptibility to noise, do not leave
SS pin open. Use a capacitor with small value if
you do not need soft function.
Over-Current-Protection and Hiccup
The MP28255 has cycle-by-cycle over current
limit when the inductor current peak value
exceeds
the
set
current
limit
threshold.
Meanwhile, output voltage starts to drop until FB
is below the Under-Voltage (UV) threshold,
typically 30% below the reference. Once a UV is
triggered, the MP28255 enters hiccup mode to
periodically restart the part. This protection mode
is especially useful when the output is dead-short
to ground. The average short circuit current is
greatly reduced to alleviate the thermal issue and
to protect the regulator. The MP28255 exits the
hiccup mode once the over current condition is
removed.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150
°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M3, C4,
L1 and C2 (Figure 5). If (VIN-VSW) is more than
5V, U2 will regulate M3 to maintain a 5V BST
voltage across C4.
SW
Figure 5—Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides
stable
supply
for
the
remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.


Similar Part No. - MP28255EL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
MP28251GD MPS-MP28251GD Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28252EL MPS-MP28252EL Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP28255EL

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
   4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com