Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3C09B2-03P Datasheet(PDF) 1 Page - Anaren Microwave

Part # X3C09B2-03P
Description  30 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C09B2-03P Datasheet(HTML) 1 Page - Anaren Microwave

  X3C09B2-03P Datasheet HTML 1Page - Anaren Microwave X3C09B2-03P Datasheet HTML 2Page - Anaren Microwave X3C09B2-03P Datasheet HTML 3Page - Anaren Microwave X3C09B2-03P Datasheet HTML 4Page - Anaren Microwave X3C09B2-03P Datasheet HTML 5Page - Anaren Microwave X3C09B2-03P Datasheet HTML 6Page - Anaren Microwave X3C09B2-03P Datasheet HTML 7Page - Anaren Microwave X3C09B2-03P Datasheet HTML 8Page - Anaren Microwave X3C09B2-03P Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C26P1-30S
Rev A
30 dB Directional Coupler
Description
The X3C26P1-30S is a low profile, high performance 30dB directional
coupler in a new easy to use, manufacturing friendly surface mount
package. It is designed for WIMAX and LTE band applications. The
X3C26P1-30S is designed particularly for power and frequency
detection, as well as for VSWR monitoring, where tightly controlled
coupling and low insertion loss is required. It can be used in high power
applications up to 200 Watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion
(CTE) compatible with common substrates such as FR4, G-10, RF-35,
RO4003 and polyimide. Produced with 6 of 6 RoHS compliant tin
immersion finish
Electrical Specifications
**
Frequency
Mean
Coupling
Insertion
Loss
VSWR
Directivity
MHz
dB
dB Max
Max : 1
dB Min
2300 – 2900
30.0 ± 1.00
0.10
1.15
20
2500 – 2700
30.0
± 0.80
0.05
1.12
22
Frequency
Sensitivity
Power
Θ
Θ
Θ
ΘJC
Operating
Temp.
dB Max
Avg. CW
Watts
ºC/Watt
ºC
± 0.25
200
30
-55 to +95
Features:
• 2300 - 2900 MHz
• WIMAX and LTE
• High Power
• Very Low Loss
• Tight Coupling
• High Directivity
• Production Friendly
• Tape and Reel
• Lead Free
± 0.10
200
30
-55 to +95
**Specification based on performance of unit properly installed on Anaren Test Board 61015-0001. Refer to
Specifications subject to change without notice. Refer to parameter definitions for details.
Mechanical Outline


Similar Part No. - X3C09B2-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09B2-03S ANAREN-X3C09B2-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
More results

Similar Description - X3C09B2-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
   30 dB Directional Coupler
X3C09P2-30S ANAREN-X3C09P2-30S Datasheet
650Kb / 23P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com