Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2138 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # AAT2138
Description  High Current Step-Down Converter with High-Precision Programmable Current Limited Load Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2138 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button AAT2138 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 14Page - Skyworks Solutions Inc. AAT2138 Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202006C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 18, 2013
11
AAT2138
High Current Step-Down Converter
with High-Precision Programmable Current Limited Load Switch
DATA SHEET
Functional Description
The AAT2138 is a high performance, 2.8MHz, synchro-
nous step-down converter with a high-precision, pro-
grammable current limited P-channel load switch up to
3A.
The P-channel load switch is adopted to limit the system
input current. The current limit value is programmed by
external resistor between RSET and GND. Its fast tran-
sient response time makes it ideal to protect the system
from input power surges.
The AAT2138 employs internal error amplifier and com-
pensation. It provides excellent transient response, load
and line regulation. Its output voltage is programmed by
an external resistor divider from 3.0V to converter input
voltage. Soft start eliminates any output voltage over-
shoot when the enable or input voltage is applied.
Dropout mode makes the converter increase the switch
duty cycle to 100% and the output voltage tracks the
input voltage minus the RDS(ON) drop of the P-channel
high-side MOSFET of the converter.
The AAT2138's input voltage range is 2.7V to 5.5V. Two
independent enable pins control the load switch and
step-down converter separately. The converter efficiency
has been optimized for a 1μH inductor.
Control Scheme
The AAT2138 uses a peak current-mode step-down con-
trol scheme. The converter senses the current through
the high-side P-channel MOSFET for current loop control
as well as overload protection. A fixed slope compensa-
tion signal is added to the sensed current to maintain
stability for duty cycles greater than 50%. The input
current of the step-down converter is limited by the load
switch.
The feedback amplifier compares the FB voltage against
the 0.6V reference voltage. The error amplifier’s trans-
conductance output is internally compensated, and pro-
grams the current-mode loop for the necessary peak
switch current to force a constant output voltage over all
load and line conditions.
Enable/Soft Start
AAT2138 has two independent enable pins: ENSYS and
ENREG. When ENSYS is pulled high, the current limit
load switch is turned off and REGIN drops to zero. When
ENREG is pulled low, the step-down converter is forced
into the low-power, no-switching, high impedance state.
The total input current during shutdown is less than 1uA.
When ENSYS is pulled low, the system will turn on the
load switch in a soft start process. To avoid a big inrush
current during the startup, the REGIN voltage will be
charged from SYSIN with limited input current under
500mA. The startup time depends on the capacitance
between REGIN and GND.
When ENREG is pulled high, the step-down converter is
Functional Block Diagram
Step-Down
Converter
600mV
Reference
FB
SW
PGND
ENREG
REGIN
EN
VP
Load Switch
Control
SYSIN
EN
VP
ENSYS
1.0V
Ref.
Current
Limit
RSET
Current
Limit
MODE
MODE
AGND
Discharge
Control


Similar Part No. - AAT2138

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
AAT2113AIXS-0.6-T1 ANALOGICTECH-AAT2113AIXS-0.6-T1 Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
AAT2113AIXS-1.2-T1 ANALOGICTECH-AAT2113AIXS-1.2-T1 Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Skyworks Solutions Inc.
AAT2113B SKYWORKS-AAT2113B Datasheet
3Mb / 22P
   3.3MHz, Fast Transient 1.5A Step-Down Converter in an 2mm x 2mm Package
AAT2114A SKYWORKS-AAT2114A Datasheet
2Mb / 16P
   2.5A Low-Noise, Fast Transient 3MHz Step-Down Regulator
More results

Similar Description - AAT2138

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
   28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
   28V Programmable Current-Limited Load Switch
AOZ1360DIL AOSMD-AOZ1360DIL Datasheet
1Mb / 16P
   28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
AOZ1361DI-01 AOSMD-AOZ1361DI-01 Datasheet
828Kb / 12P
   28V Programmable Current-Limited Load Switch
AOZ1361DI AOSMD-AOZ1361DI Datasheet
828Kb / 12P
   28V Programmable Current-Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com