Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ75A Datasheet(PDF) 3 Page - AVX Corporation

Part # SMAJ75A
Description  Transient Suppression Diodes For General Purpose Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SMAJ75A Datasheet(HTML) 3 Page - AVX Corporation

  SMAJ75A Datasheet HTML 1Page - AVX Corporation SMAJ75A Datasheet HTML 2Page - AVX Corporation SMAJ75A Datasheet HTML 3Page - AVX Corporation SMAJ75A Datasheet HTML 4Page - AVX Corporation SMAJ75A Datasheet HTML 5Page - AVX Corporation SMAJ75A Datasheet HTML 6Page - AVX Corporation SMAJ75A Datasheet HTML 7Page - AVX Corporation SMAJ75A Datasheet HTML 8Page - AVX Corporation SMAJ75A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Transient Suppression Diodes
For General Purpose Use
SMAJ SERIES RATINGS AND CHARACTERISTICS
0
100
75
50
25
0
25
50
75
100
125
150
175
200
1
0.1
0.1
0.1
10
100
1
10
100
1000
10000
50
40
30
20
10
0
10
100
Ambient Temperature TA (ºC)
Lead Temperature TL (ºC)
Pulse Width td (µs)
Number of Cycles at 60Hz
0
100
75
50
25
0
25
50
75
100
125
150
175
200
TJ = TJ max.
8.3 ms Single Half Sine-Wave
Non-repetitive Pulse
Waveform shown in Fig 5
TA = 25ºC
100
50
0
01
2
3
4
Time (ms)
TJ = 25ºC
Pulse width (td) is defined as the
point where the peak current
decasys to 50% of IPP
Tr = 10
µs
td
Peak Value (IPP)
Half value = I
PP
2
10/100µsec. waveform
as defined by R.E.A.
FIG 1. PULSE DERATING CURVE
FIG 2. MAXIMUM NON-REPETITIVE
FIG 4. PEAK PULSE POWER RATING CURVE
FIG 5. PULSE WAVEFORM
FIG 3. STEADY STATE POWER DERATING CURVE


Similar Part No. - SMAJ75A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ75A LUGUANG-SMAJ75A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ75A SUNMATE-SMAJ75A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
Socay Electornics Co., ...
SMAJ75A SOCAY-SMAJ75A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ75A JGD-SMAJ75A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ75A SOCAY-SMAJ75A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ75A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com