Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP26075 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP26075
Description  High Efficiency Cradle Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26075 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP26075 Datasheet HTML 1Page - Monolithic Power Systems MP26075 Datasheet HTML 2Page - Monolithic Power Systems MP26075 Datasheet HTML 3Page - Monolithic Power Systems MP26075 Datasheet HTML 4Page - Monolithic Power Systems MP26075 Datasheet HTML 5Page - Monolithic Power Systems MP26075 Datasheet HTML 6Page - Monolithic Power Systems MP26075 Datasheet HTML 7Page - Monolithic Power Systems MP26075 Datasheet HTML 8Page - Monolithic Power Systems MP26075 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP26075 – HIGH EFFICIENCY CRADLE CHARGER
MP26075 Rev. 1.01
www.MonolithicPower.com
5
5/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Test with AC_IN=220V flyback, CIN = 4.7μF, COUT = 10μF, ICHG = 1000mA, unless otherwise noted.
0
1
2
3
4
5
6
0
102030405060
TIME(Min)
0
0.2
0.4
0.6
0.8
1
1.2
Battery Current
Input Voltage
Battery Voltage
Real Battery Charge Curve
Charge Current vs
Battery Voltage
0
200
400
600
800
1000
1200
1.5
2
2.5
3
3.5
4
4.5
VBATT(V)
VBATT(V)
VBATT(V)
ICHG=1000mA
ICHG=600mA
ICHG=300mA
Charge Input Voltage vs
Battery Voltage
1.5
2
2.5
3
3.5
4
4.5
Battery Reverse Current
IBATT vs VBATT Curve
VIN=GND, Power Source on BATT
0
0.02
0.04
0.06
0.08
0.1
0.12
01
23
45
RCHG vs. ICHG Curve
Constant Current charge,
VBATT=3.8V
0
200
400
600
800
1000
1200
024
6
8
10
IBATT (mA)
0.5
0.51
0.52
0.53
0.54
0.55
0.56
0.57
0.58
0.59
0.6
0.61
CC Charge Current
vs. Temp
Constant Current charge ,
VBATT=3.8V
IBATT (mA)
CC Charge Current vs.
Temp Zoom In
The junction temperature is too high.
Part enters thermal foldback mode
0
20
40
60
80
100
120
02468
10
RCHG vs. ICHG Curve
Trickle charge, VBATT=2.4V
3
3.5
4
4.5
5
5.5
20
40
60
80 100 120 140
-40
-10
20
50
80
110
140
700
800
900 1000 1100 1200
60
80
100
120
140
700
800
900 1000 1100 1200
TJ
TA
TJ
TA


Similar Part No. - MP26075

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2607 MPS-MP2607 Datasheet
337Kb / 15P
   Li, LINEAR Charger WithSystem Power Path Management
MP2607DL MPS-MP2607DL Datasheet
337Kb / 15P
   Li, LINEAR Charger WithSystem Power Path Management
More results

Similar Description - MP26075

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS2596B WINSEMI-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
logo
List of Unclassifed Man...
WS2596B ETC2-WS2596B Datasheet
693Kb / 9P
   High Efficiency Charger Control IC
logo
Linear Technology
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
   High Efficiency MPPT Battery Charger Controller
logo
Linear Integrated Syste...
LTC4010 LINEAR-LTC4010 Datasheet
204Kb / 20P
   High Efficiency Standalone Nickel Battery Charger
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Linear Technology
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
   High Efficiency Standalone Nickel Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
   High Efficiency Standalone Nickel Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com