Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP26028EQ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP26028EQ
Description  1A Linear Li-Ion Battery Charger with Trickle Charge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26028EQ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP26028EQ Datasheet HTML 1Page - Monolithic Power Systems MP26028EQ Datasheet HTML 2Page - Monolithic Power Systems MP26028EQ Datasheet HTML 3Page - Monolithic Power Systems MP26028EQ Datasheet HTML 4Page - Monolithic Power Systems MP26028EQ Datasheet HTML 5Page - Monolithic Power Systems MP26028EQ Datasheet HTML 6Page - Monolithic Power Systems MP26028EQ Datasheet HTML 7Page - Monolithic Power Systems MP26028EQ Datasheet HTML 8Page - Monolithic Power Systems MP26028EQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP26028 – 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP26028 Rev.1.01
www.MonolithicPower.com
4
10/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Input Supply Pin. IN receives the AC adapter or USB supply voltage.
2
CHG
Open-Drain Charge Status Indicator. This pin is low during charging.
3
ACOK
Open-Drain Input ACOK Indicator. This pin is low if the voltage at the IN pin is between
2.5V and 6.5V.
4
EN
Charger IC Enable. An input “Low” signal at this pin or if the pin is floating will enable the
IC.
5
VBIAS
Bias Voltage for internal circuitry. To generate the bias voltage, connect a 500kΩ resistor
(R1) from this pin to the IN pin and a 100kΩ resistor (R2) from this pin to ground. Shown
in Typical Application circuit on front page
6
Exposed Pad
GND
Ground. Connect exposed pad to the GND pin
7
SS
Soft-Start Timer. Connect this pin to an external capacitor to program the soft-start
startup time using the equation:
sec
m
20
F
1
.
0
C
T
SS
SS
.
8
IBF
Charge Status Threshold Program. Connect this pin to an external resistor to program
the charge termination current or battery full charge current.
9
ISET
Constant Charge Current Program. Connect this pin to an external resistor to program
the charging current in CC Mode.
10
BATT
Charger Output.


Similar Part No. - MP26028EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023DQ MPS-MP26023DQ Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602DQ MPS-MP2602DQ Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP26028EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26023 MPS-MP26023 Datasheet
506Kb / 11P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP2606 MPS-MP2606 Datasheet
389Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
   1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
   1A Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com