Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1276 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # AAT1276
Description  Boost Converter with USB Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1276 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button AAT1276 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 14Page - Skyworks Solutions Inc. AAT1276 Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202061B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 19, 2013
11
AAT1276
DATA SHEET
Boost Converter with USB Power Switch
Selecting the Boost Inductor
The AAT1276 boost controller utilizes hysteretic control
and the switching frequency varies with output load and
input voltage. The value of the inductor determines the
maximum switching frequency of the boost converter.
Increasing output inductance decreases the switching
frequency, resulting in higher peak currents and
increased output voltage ripple. To maintain the 2MHz
switching frequency and stable operation, an output
inductor sized from 1.5μH to 2.7μH is recommended.
Manufacturer’s specifications list both the inductor DC
current rating, which is a thermal limitation, and peak
inductor current rating, which is a function of the satu-
ration characteristics.
Measure the inductor current at full load and high ambi-
ent temperature to ensure that the inductor does not
saturate or exhibit excessive temperature rise. Select
the output inductor (L) to avoid saturation at the mini-
mum input voltage and maximum load. The RMS current
flowing through the boost inductor is equal to the DC
plus AC ripple components. The maximum inductor RMS
current occurs at the minimum input voltage and the
maximum load. Use the following equations to calculate
the maximum peak and RMS current:
VO - VIN(MIN)
VO
DMAX =
VIN(MIN) · D
L · FS
IPP =
IO
1 - D
IP =
IPP
2
IPK = IP +
IV = IP - IPP
IRMS =
IPK2 + IPK · IV + IV2
3
PLOSS(INDUCTOR) = I2RMS · DCR
At light load and low output voltage, the controller
reduces the operating frequency to maintain maximum
efficiency. As a result, further reduction in output load
does not reduce the peak current. The minimum peak
current ranges from 0.5A to 0.75A.
Compare the RMS current values with the manufactur-
er’s temperature rise, or thermal derating guidelines. For
a given inductor type, smaller inductor size leads to an
increase in DCR winding resistance and, in most cases,
increased thermal impedance. Winding resistance
degrades boost converter efficiency and increases the
inductor’s operating temperature.
Shielded inductors provide decreased EMI and may be
required in noise sensitive applications. Unshielded chip
inductors provide significant space savings at a reduced
cost compared to shielded inductors. In general, chip-
type inductors have increased winding resistance (DCR)
when compared to shielded, wound varieties.
Selecting the Step-Up
Converter Capacitors
The high output ripple inherent in the boost converter
necessitates low impedance output filtering. Multi-layer
ceramic (MLC) capacitors provide small size, adequate
capacitance, with low parasitic equivalent series resis-
tance (ESR) and equivalent series inductance (ESL). This
makes them well suited for use with the AAT1276. MLC
capacitors of type X7R or X5R ensure good capacitance
stability over the full operating range. MLC capacitors
exhibit significant capacitance reduction with an applied
DC voltage. Output ripple measurements can confirm
that the capacitance used meets the specific ripple
requirements. Voltage derating minimizes this factor, but
results may vary with package size and among specific
manufacturers.
Use a 4.7μF 10V ceramic output capacitor to minimize
output ripple for the 5V output. Small 0805 sized ceram-
ic capacitors are available which meet these require-
ments.
Estimate the output capacitor required at the minimum
switching frequency (FS) of 800kHz (worst-case).
IOUT · DMAX
FS · ΔVOUT
COUT =
The boost converter input current flows during both ON
and OFF switching intervals. The input ripple current is
less than the output ripple and, as a result, less input
capacitance is required. A ceramic output capacitor from
1μF to 4.7μF is recommended. Minimum 6.3V rated
capacitors are required at the input. Ceramic capacitors
sized as small as 0603 are available which meet these
requirements.


Similar Part No. - AAT1276

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1276 ANALOGICTECH-AAT1276 Datasheet
371Kb / 18P
   Boost Converter with USB Power Switch
AAT1276IRN-5.0-T1 ANALOGICTECH-AAT1276IRN-5.0-T1 Datasheet
371Kb / 18P
   Boost Converter with USB Power Switch
AAT1276ITP-5.0-T1 ANALOGICTECH-AAT1276ITP-5.0-T1 Datasheet
371Kb / 18P
   Boost Converter with USB Power Switch
More results

Similar Description - AAT1276

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275_08 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
logo
Skyworks Solutions Inc.
AAT1275 SKYWORKS-AAT1275 Datasheet
1Mb / 19P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1276 ANALOGICTECH-AAT1276 Datasheet
371Kb / 18P
   Boost Converter with USB Power Switch
AAT1275 ANALOGICTECH-AAT1275 Datasheet
477Kb / 19P
   Boost Converter with USB Power Switch
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com