Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3C21M1-03S Datasheet(PDF) 1 Page - Anaren Microwave

Part # X3C21M1-03S
Description  Hybrid Coupler 3 dB, 90
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C21M1-03S Datasheet(HTML) 1 Page - Anaren Microwave

  X3C21M1-03S Datasheet HTML 1Page - Anaren Microwave X3C21M1-03S Datasheet HTML 2Page - Anaren Microwave X3C21M1-03S Datasheet HTML 3Page - Anaren Microwave X3C21M1-03S Datasheet HTML 4Page - Anaren Microwave X3C21M1-03S Datasheet HTML 5Page - Anaren Microwave X3C21M1-03S Datasheet HTML 6Page - Anaren Microwave X3C21M1-03S Datasheet HTML 7Page - Anaren Microwave X3C21M1-03S Datasheet HTML 8Page - Anaren Microwave X3C21M1-03S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
`
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C21P1-03S
Rev C
Hybrid Coupler
3 dB, 90°°°°
Description
The X3C21P1-03S is a low profile, high performance 3dB hybrid coupler in
a new easy to use, manufacturing friendly surface mount package. It is
designed for LTE and WIMAX band applications. The X3C21P1-03S is
designed particularly for balanced power and low noise amplifiers, plus
signal distribution and other applications where low insertion loss and tight
amplitude and phase balance is required. It can be used in high power
applications up to 110 watts.
Parts have been subjected to rigorous qualification testing and they are
manufactured using materials with coefficients of thermal expansion (CTE)
compatible with common substrates such as FR4, G-10, RF-35, RO4003
and polyimide. Produced with 6 of 6 RoHS compliant tin immersion finish.
Electrical Specifications
**
Frequency
Isolation
Insertion
Loss
VSWR
Amplitude
Balance
MHz
dB Min
dB Max
Max : 1
dB Max
2000-2300
23
0.22
1.15
±0.22
2110-2170
25
0.12
1.12
±0.10
2300-2400
18
0.25
1.33
±0.40
1800-2200
23
0.17
1.17
±0.22
Phase
Power
Θ
Θ
Θ
ΘJC
Operating
Temp.
Degrees
Avg. CW Watts
ºC/Watt
ºC
90
±4.0
90
32.1
-55 to +95
90
±2.0
110
32.1
-55 to +95
90
±4.0
90
32.1
-55 to +95
eatures:
• 1800-2300 MHz
• LTE, WIMAX
• High Power
• Very Low Loss
• Tight Amplitude Balance
• High Isolation
• Production Friendly
• Tape and Reel
• Lead-Free
90
±3.0
90
32.1
-55 to +95
**Specification based on performance of unit properly installed on Anaren Test Board 54147-0001 with small
signal applied. Specifications subject to change without notice. Refer to parameter definitions for details.
Mechanical Outline


Similar Part No. - X3C21M1-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21M1-03P ANAREN-X3C21M1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
More results

Similar Description - X3C21M1-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-03 ANAREN-X3C21P1-03 Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C14P1-03S ANAREN-X3C14P1-03S Datasheet
1Mb / 24P
   Hybrid Coupler 3 dB, 90
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
KATHREIN Solutions GmbH
K637061 KATHREIN-K637061 Datasheet
440Kb / 1P
   3-dB Coupler (90° Hybrid) 806 – 960 MHz
logo
Anaren Microwave
C0727J5003AHF ANAREN-C0727J5003AHF Datasheet
341Kb / 4P
   Ultra Low Profile 0805 3 dB, 90 Hybrid Coupler
XMC2560E-03 ANAREN-XMC2560E-03 Datasheet
1Mb / 17P
   Wideband Hybrid Coupler, 3 dB
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com