Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP24894 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP24894
Description  Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24894 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP24894 Datasheet HTML 4Page - Monolithic Power Systems MP24894 Datasheet HTML 5Page - Monolithic Power Systems MP24894 Datasheet HTML 6Page - Monolithic Power Systems MP24894 Datasheet HTML 7Page - Monolithic Power Systems MP24894 Datasheet HTML 8Page - Monolithic Power Systems MP24894 Datasheet HTML 9Page - Monolithic Power Systems MP24894 Datasheet HTML 10Page - Monolithic Power Systems MP24894 Datasheet HTML 11Page - Monolithic Power Systems MP24894 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP24894 – STEP-DOWN LED-CURRENT CONTROLLER WITH WIDE 6V TO 60V INPUT VOLTAGE
MP24894 Rev 1.01
www.MonolithicPower.com
10
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the LED Current
The LED current is identical and set by the
current sense resistor between the IN pin and RS
pin.
RSENSE=200mV/ILED
For RSENSE=0.2Ω, the LED current is set to 1A
Selecting the Inductor
Lower value of inductance can result in a higher
switching frequency, which causes a larger
switching loss. Choose a switch frequency
between 100kHz to 600kHz for most application.
According to switching frequency, inductor value
can be estimated as:
OUT
OUT
IN
LED
SW
V
(1-
) V
V
L
0.3 I
f
×
=
××
For higher efficiency, choose an inductor with a
DC resistance as small as possible.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Choose a capacitor value
between 10µF and 22µF for most applications.
The voltage rating should be greater than the
input voltage. Use a low ESR capacitor for input
decoupling.
Selecting the Output Capacitor
For most applications, the output capacitor is not
necessary. For applications that require that the
peak-to-peak LED ripple current falls below 30%
of the average current, add a capacitor across the
LEDs. Higher capacitor values will result in
proportionally lower ripple. A value of 2.2µF will
meet most requirements.
Selecting Soft-Start Capacitor
When selecting a soft-start capacitor, the delay
time can be estimated as 0.2ms/nF. For PWM
dimming, select C < 2.2nF to eliminate its effect
on the average LED current.
Dimming Control
MP24894 provides 1:2500 high-ratio PWM
dimming. Apply a 100Hz to 20kHz square
waveform to the EN/DIM pin. The average LED
current is proportional to PWM duty cycle.
Layout Consideration
Pay careful attention to the PCB layout and
component placement. RSENSE should be placed
close to the IN pin and RS pin in order to minimize
current sense error. The input loop—including
input capacitor, Schottky diode, and Mosfet
—should be as short as possible.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 1: Design Example
VIN
24V
VOUT
10V
Iout
1A
The detailed application schematic is shown in
Figure 2. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.


Similar Part No. - MP24894

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24894GJ MPS-MP24894GJ Datasheet
208Kb / 7P
   Step-Down WLED-Curernt Controller Evaluation Board
More results

Similar Description - MP24894

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7360X ACE-ACE7360X Datasheet
194Kb / 3P
   Step-Down WLED-Current Controller with Wide 6v to 60v input Voltage
VER 1.1
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
   Step Down White LED Driver with Wide 6V.60V Input Voltage
MP24893 MPS-MP24893 Datasheet
237Kb / 12P
   Step Down White LED Driver with Wide 6V-to-36V Input Voltage
MP24892 MPS-MP24892 Datasheet
213Kb / 9P
   Step Down White LED Driver with Wide 6V??5V Input Voltage
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
logo
Shenzhen Huazhimei Semi...
HM3131 HMSEMI-HM3131 Datasheet
476Kb / 8P
   Wide input voltage step-down constant voltage constant current DC-DC controller
logo
Monolithic Power System...
MPQ2489 MPS-MPQ2489 Datasheet
539Kb / 13P
   Step Down White LED Driver with Wide 6V??5V Input Voltage AEC-Q100 Qualified
logo
Texas Instruments
TPS53119 TI1-TPS53119 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Voltage, Eco-Mode, Synchronous Step-Down Controller
logo
Monolithic Power System...
EV2908A-F-01A MPS-EV2908A-F-01A Datasheet
677Kb / 8P
   Wide Input, Current Mode Synchronous Step-Down Controller Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com