Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP24183 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP24183
Description  1A, 55V, Programmable Frequency White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24183 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP24183 Datasheet HTML 4Page - Monolithic Power Systems MP24183 Datasheet HTML 5Page - Monolithic Power Systems MP24183 Datasheet HTML 6Page - Monolithic Power Systems MP24183 Datasheet HTML 7Page - Monolithic Power Systems MP24183 Datasheet HTML 8Page - Monolithic Power Systems MP24183 Datasheet HTML 9Page - Monolithic Power Systems MP24183 Datasheet HTML 10Page - Monolithic Power Systems MP24183 Datasheet HTML 11Page - Monolithic Power Systems MP24183 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP24183 – 1A, 55V, PROGRAMABLE FREQUENCY WHITE LED DRIVER
MP24183 Rev. 1.0
www.MonolithicPower.com
8
8/28/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
The MP24183 is a current mode regulator. The
EA output voltage is proportional to the peak
inductor current.
At the beginning of a cycle, M1 is off. The EA
output voltage is higher than the current sense
amplifier output, and the current comparator’s
output is low. The rising edge of the 1.35MHz
CLK signal sets the RS Flip-Flop. Its output
turns on M1 thus connecting the SW pin and
inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier. Ramp
compensation is summed to the Current Sense
Amplifier output and compared to the Error
Amplifier output by the PWM Comparator.
When the sum of the Current Sense Amplifier
output and the Slope Compensation signal
exceeds the EA output voltage, the RS Flip-
Flop is reset and M1 is turned off. The external
Schottky rectifier diode (D1) conducts the
inductor current.
If the sum of the Current Sense Amplifier output
and the Slope Compensation signal does not
exceed the EA output for a whole cycle, then
the falling edge of the CLK resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the 0.198V reference. The polarity is a FB pin
voltage lower than 0.198V increases the EA
output voltage. Since the EA output voltage is
proportional to the peak inductor current, an
increase in its voltage also increases the
current delivered to the output.
Open LED Protection
If the LED is open, there is no voltage on the
FB pin. The duty cycle will increase until
V(VDD)-V(VSS) reaches 55V or OVP-VSS
reaches the shutdown threshold set by the
external resistor divider. The top switch will turn
off till the voltage V(VDD)-V(VSS) and OVP-
VSS decreases sufficiently.
Dimming Control
The MP24183 allows both DC and PWM
dimming. When the voltage on EN is less than
0.6V, the chip is turned off. For analog
dimming, when the voltage on EN is from 0.7V
to 1.4V, the LED current will change from 0% to
100% of the maximum LED current. If the
voltage on EN pin is higher than 1.4V,
maximum LED current will be generated. For
PWM dimming, its amplitude (VDIM – VINGND)
must exceed 1.4V. The PWM frequency is
recommended in range of 100Hz to 2kHz to get
a good dimming linearity.
Output Short Circuit Protection
The MP24183 integrates output short circuit
protection. When the output is shorted to VSS,
the voltage on OVP pin which detects the
output voltage gets smaller than 0.4V, and FB
pin senses no voltage (<0.1V) as no current
goes through the WLED. At this condition, the
operating frequency is folded back to decrease
the power consumption.
In Buck-boost application, when there is
possibility that the LED+ short circuit to VSS, it
is recommended to add a diode from VSS to
INGND to protect the IC, as shown in below
Figure 2 .
Figure 2—Buck-boost Application When
LED+ Possibly Short to VSS


Similar Part No. - MP24183

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24183DQ MPS-MP24183DQ Datasheet
170Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
MP24183DQ MPS-MP24183DQ Datasheet
259Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
More results

Similar Description - MP24183

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV24183DQ-00B MPS-EV24183DQ-00B Datasheet
170Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00C MPS-EV24183DQ-00C Datasheet
259Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
MP2483 MPS-MP2483 Datasheet
388Kb / 14P
   2.5A, 55V, Programmable Frequency White LED Driver
EV2483DQ-00A MPS-EV2483DQ-00A Datasheet
165Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00B MPS-EV2483DQ-00B Datasheet
160Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00C MPS-EV2483DQ-00C Datasheet
162Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EVQ2483-S-00A MPS-EVQ2483-S-00A Datasheet
273Kb / 5P
   55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
EVQ2483-Q-00A MPS-EVQ2483-Q-00A Datasheet
417Kb / 5P
   55V, Programmable Frequency White LED Driver Evaluation Board AEC-Q100 Qualified
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
   3A, 55V White LED Driver
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
   3A,55V White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com