Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1217 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # AAT1217
Description  600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1217 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button AAT1217 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
AAT1217
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202050B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 19, 2013
FB
VIN
SHDN
GND
VOUT
AAT1217
CIN
4.7μF
VIN
0.85V
L1
4.7μH
COUT
4.7μF
R1
1.02MΩ
R2
604kΩ
VOUT
3.3V,100mA
1
2
3
4
5
SW
6
D1
MBR0520
R3
510kΩ
ON/OFF Control
Q1
Si2305 DS
Q2
2N3904
R4
510kΩ
Figure 1: AAT1217 High Efficiency Load Disconnect Application Circuit.
Figure 2: AAT1217 Evaluation Board Layout
Figure 3: AAT1217 Evaluation Board Layout
Example Top Layer.
Example Bottom Layer.


Similar Part No. - AAT1217

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217 ANALOGICTECH-AAT1217 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217ICA-1.2-T1 ANALOGICTECH-AAT1217ICA-1.2-T1 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217ICA-1.2-T1 ANALOGICTECH-AAT1217ICA-1.2-T1 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217ICA-3.3-T1 ANALOGICTECH-AAT1217ICA-3.3-T1 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
More results

Similar Description - AAT1217

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Analog Intergrations Co...
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com