Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1217 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AAT1217
Description  600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1217 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AAT1217 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1217 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
AAT1217
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202050B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 19, 2013
Current Mode Operation
The AAT1217 is based on a slope compensated current
mode PWM control topology. It operates at a fixed fre-
quency of 1.2MHz. At the beginning of each clock cycle,
the main switch (NMOS) is turned on and the inductor
current starts to ramp. After the maximum duty cycle or
the sense current signal equals the error amplifier (EA)
output, the main switch is turned off and the synchro-
nous switch (PMOS) is turned on. This control topology
features cycle-by-cycle current limiting which can pre-
vent the main switch from overstress and the external
inductor from saturating.
Light Load Mode Operation
At very light load, the AAT1217 automatically switches
into light load mode operation to improve efficiency.
During this mode, the PWM control will skip some pulses
to maintain regulation. If the load increases and the out-
put voltage drops, the device will automatically switch
back to normal PWM mode and maintain regulation.
Anti-Ringing Control
An anti-ringing circuitry is included to remove the high
frequency ringing that appears on the SW pin when the
inductor current goes to zero. In this case, a ringing on
the SW pin is induced due to remaining energy stored in
parasitic components of switch and inductor. The anti-
ringing circuitry clamps the voltage internally to the bat-
tery voltage and therefore dampens this ringing.
Device Shutdown
When SHDN is set logic high, the AAT1217 is put into
active mode operation. If SHDN is set logic low, the
device is put into shutdown mode and consumes less
than 1μA of current. After start-up, the internal circuitry
is supplied by VOUT, however, if shutdown mode is
enabled, the internal circuitry will be supplied by the
input source again.
Application Information
Adjustable Output Voltage
An external resistor divider is used to set the output volt-
age. The output voltage of the switching regulator (VOUT)
is determined by the following equation:
⎛⎞
⎝⎠
VOUT = 1.23V · 1 +
R1
R2
Table 1 lists the recommended resistor values for par-
ticular output voltage settings.
VOUT
R1()
R2()
3.3V
1.02M
604k
5.0V
1.02M
332k
Table 1: Resistor Selection for
Output Voltage Setting.
Fixed Output Voltage
The AAT1217 has two fixed output voltage options: 3.3V
and 5V. An internal resistor divider is connected to the
FB pin inside the package which eliminates the need for
external feedback resistors. When designing with the
fixed output voltage option, remember to leave the FB
pin open; otherwise the output voltage will be affected.
However, a feed-forward capacitor can still be added
between the FB and VOUT pins to enhance the control
loop performance.
Inductor Selection
The high switching frequency of 1.2MHz allows for small
surface mount inductors. For most applications, the
AAT1217 operates with inductors from 2.2μH to 10μH.
Use the following equations to select the proper inductor
value for a particular application condition:
IPEAK = IDC +
ΔIL
2
IDC =
IOUT · VOUT
η · VIN
ΔIL =
; D =
=
VIN · (VOUT - VIN)
L · FSW · VOUT
VIN · D
L · FSW
VOUT - VIN
VOUT
ΔIL


Similar Part No. - AAT1217

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217 ANALOGICTECH-AAT1217 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217ICA-1.2-T1 ANALOGICTECH-AAT1217ICA-1.2-T1 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217ICA-1.2-T1 ANALOGICTECH-AAT1217ICA-1.2-T1 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217ICA-3.3-T1 ANALOGICTECH-AAT1217ICA-3.3-T1 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
More results

Similar Description - AAT1217

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Analog Intergrations Co...
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Analog Intergrations Co...
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com