Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D18-4R1 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # CDRH5D18-4R1
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CDRH5D18-4R1 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  CDRH5D18-4R1 Datasheet HTML 1Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 2Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 3Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 4Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 5Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 6Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 7Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 8Page - Skyworks Solutions Inc. CDRH5D18-4R1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
AAT1151
850kHz 700mA Synchronous Buck DC/DC Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201991B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 18, 2013
General Description
The AAT1151 SwitchReg™ is a step-down switching con-
verter ideal for applications where high efficiency is
required over the full range of output load conditions.
The 2.7V to 5.5V input voltage range makes the AAT1151
ideal for single-cell lithium-ion/polymer battery applica-
tions. Capable of more than 700mA with internal
MOSFETs, the current-mode controlled IC provides high
efficiency using synchronous rectification. Fully inte-
grated compensation simplifies system design and low-
ers external parts count.
The device operates at a fixed 850kHz switching fre-
quency and enters Pulse Frequency Modulation (PFM)
mode for light load current to maintain high efficiency
across all load conditions.
The AAT1151 is available in Pb-free MSOP-8 and QFN33-
16 packages and is rated over the -40°C to +85°C tem-
perature range.
Features
• VIN Range: 2.7V to 5.5V
• Up to 95% Efficiency
• High Initial Accuracy ±1%
• 110m RDS(ON) Internal Switches
• <1μA Shutdown Current
• 850kHz Switching Frequency
• Fixed VOUT or Adjustable VOUT ≥1.0V
• Integrated Power Switches
• Synchronous Rectification
• Current Mode Operation
• Internal Compensation
• Stable with Ceramic Capacitors
• PFM for Optimum Efficiency for All Load Conditions
• Internal Soft Start
• Over-Temperature Protection
• Current Limit Protection
• MSOP-8 and QFN33-16 Packages
• -40°C to +85°C Temperature Range
Applications
• Cellular Phones
• Digital Cameras
• MP3 Players
• Notebook Computers
• PDAs
• USB-Powered Equipment
• Wireless Notebook Adapters
Typical Application
OUTPUT
3.0
μH
2x 22
μF
10
μF
0.1
μF
100
Ω
LX
VP
INPUT
FB
SGND
AAT1151
ENABLE
VCC
PGND


Similar Part No. - CDRH5D18-4R1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
CDRH5D18-4R1 ANALOGICTECH-CDRH5D18-4R1 Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
logo
ECM Electronics Limited...
CDRH5D18-4R1 ECM-CDRH5D18-4R1 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH5D18-4R1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com