Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH103RNP-2R2N Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # CDRH103RNP-2R2N
Description  12V, 1.5A Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CDRH103RNP-2R2N Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button CDRH103RNP-2R2N Datasheet HTML 5Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 6Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 7Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 8Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 9Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 10Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 11Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 12Page - Skyworks Solutions Inc. CDRH103RNP-2R2N Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Functional Description
The AAT1162 is a current-mode step-down DC/DC con-
verter that operates over a wide 4V to 13.2V input volt-
age range and is capable of supplying up to 1.5A to the
load with the output voltage regulated as low as 0.6V.
Both the P-channel power switch and N-channel syn-
chronous rectifier are internal, reducing the number of
external components required. The output voltage is
adjusted by an external resistor divider; fixed output
voltage versions are available upon request. The regula-
tion system is externally compensated, allowing the cir-
cuit to be optimized for each application. The AAT1162
includes cycle-by-cycle current limiting, frequency fold-
back for improved short-circuit performance, and ther-
mal overload protection to prevent damage in the event
of an external fault condition.
Control Loop
The AAT1162 regulates the output voltage using con-
stant frequency current mode control. The AAT1162
monitors current through the high-side P-channel
MOSFET and uses that signal to regulate the output volt-
age. This provides improved transient response and
eases compensation. Internal slope compensation is
included to ensure the current “inside loop” stability.
Functional Block Diagram
Control
Logic
+
-
LDO
+
-
Reference
Note 1
FB
EN
AGND
DGND
PGND
LX
IN
AIN
LDO
COMP
Note 1: For fixed output voltage versions, FB is connected to the
error amplifier through the resistive voltage divider shown.
.
+
-
Current
Sense Amp
Error
Amp
Current
Mode
Comparator


Similar Part No. - CDRH103RNP-2R2N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH103RNP-2R2N SUMIDA-CDRH103RNP-2R2N Datasheet
149Kb / 2P
   POWER INDUCTORS
CDRH103RNP-2R2NC-B SUMIDA-CDRH103RNP-2R2NC-B Datasheet
195Kb / 4P
   SMD Power Inductor CDRH103R
More results

Similar Description - CDRH103RNP-2R2N

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
   12V, 1.5A Step-Down DC/DC Converter
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com