Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28-3R0 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # CDRH5D28-3R0
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CDRH5D28-3R0 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button CDRH5D28-3R0 Datasheet HTML 7Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 8Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 9Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 10Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 11Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 12Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 13Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 14Page - Skyworks Solutions Inc. CDRH5D28-3R0 Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
AAT1151
850kHz 700mA Synchronous Buck DC/DC Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201991B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 18, 2013
Figure 2: MSOP Evaluation
Figure 3: MSOP Evaluation
Board Top Layer.
Board Bottom Layer.
Figure 4: QFN Evaluation Board Top Side.
Figure 5: QFN Evaluation Board Bottom Side.
0
5
10
15
20
25
30
35
40
45
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output Voltage (V)
R4=10kΩ
L1
3.3μH
C2, C4
2x 22μF
C1
10μF
R1 100
C3
0.1μF
C1 Murata 10μF 6.3V X5R GRM42-6X5R106K6.3
L1 Sumida CDRH3D16-3R3 NC
R2
100k
C2, C4 Murata 22μF 6.3V GRM21BR60J226ME39L X5R 0805
VO+ 1.25V 0.7A
2.7V - 5.5V
GND
FB
4
SGND
5,6
EN
7
VCC
9
VP
10,11,12
LX
13,14,15
PGND
1,2,3
AAT1151-1.0
R3
2.55k 1%
R4
10kΩ 1%
Figure 6: R3 vs. VOUT for Adjustable Output
Figure 7: Adjustable Output Schematic.
Using the AAT1151-1.0V.


Similar Part No. - CDRH5D28-3R0

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
CDRH5D28-3R0 ANALOGICTECH-CDRH5D28-3R0 Datasheet
394Kb / 14P
   1MHz 1.2A Buck DC/DC Converter
logo
ECM Electronics Limited...
CDRH5D28-3R0 ECM-CDRH5D28-3R0 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D28-3R0 AITCOMPONENTS-CDRH5D28-3R0 Datasheet
30Kb / 1P
   CDRH6D28 SMD POWER INDUCTOR
More results

Similar Description - CDRH5D28-3R0

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com