Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P20049DC-2.8 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # P20049DC-2.8
Description  Ultra-Low Noise, High PSRR 150mA Linear Regulator in 0.8x0.8mm WLCSP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

P20049DC-2.8 Datasheet(HTML) 5 Page - Monolithic Power Systems

  P20049DC-2.8 Datasheet HTML 1Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 2Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 3Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 4Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 5Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 6Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 7Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 8Page - Monolithic Power Systems P20049DC-2.8 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP20049 – ULTRA-LOW NOISE, HIGH PSRR 150mA LINEAR REGULATOR IN 0.8x0.8mm WLCSP
MP20049 Rev. 1.1
www.MonolithicPower.com
5
10/22/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.3V, VOUT=2.8V, CIN=COUT=1µF, TA=25°C, unless otherwise noted
Quiescent Current
vs. Temperature
-40 -20
0
20
40
60
80 100
TEM PERAT UR E(oC)
Quiescent Current
vs. Input Voltage
Dropout Voltage
vs. Temperature
-40 -20
0
20
406080 100
T E M PERAT UR E(oC)
Dropout Voltage
vs. Output Current
OUT PUT C URRENT (mA)
EN threshold
vs. Input Voltage
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
I NPUT VOL T AG E (V)
I NPUT VOL T AG E (V)
EN threshold
vs. Temperature
T E M PERAT UR E( oC)
Current Limit
vs. Temperature
-40 -20
0
20
40
60
80 100
TEM PERAT UR E(oC)
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
INPUT VOLTAGE (V)
Line Regulation
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0
10
20
30
40
50
60
70
0
20
40
60
80
100
120
3
3.5
4
4.5
5
5.5
6
0
10
20
30
40
50
60
70
80
IOUT=150mA
0
10
20
30
40
50
60
70
0
25
50
75 100 125 150
3
3.5
4
4.5
5
5.5
6
EN high threshold
EN low threshold
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
-40 -20
0
20 40 60
80 100
EN high threshold
EN low threshold
0
100
200
300
400
500
0
100
200
300
400
500
3
3.5
4
4.5
5
5.5
6
3
3.5
4
4.5
5
5.5
6
IOUT=0A
IOUT=150mA


Similar Part No. - P20049DC-2.8

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P2004 PULSE-P2004 Datasheet
1Mb / 3P
   SMT Power Inductors
logo
VBsemi Electronics Co.,...
P2004EV VBSEMI-P2004EV Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Pulse A Technitrol Comp...
P2004NLT PULSE-P2004NLT Datasheet
1Mb / 3P
   SMT Power Inductors Power Beads - Volta 1 & 2 series
More results

Similar Description - P20049DC-2.8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Texas Instruments
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Micrel Semiconductor
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com