Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16V8D-20QPNI Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # GAL16V8D-20QPNI
Description  All Devices Discontinued
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-20QPNI Datasheet(HTML) 5 Page - Lattice Semiconductor

  GAL16V8D-20QPNI Datasheet HTML 1Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 2Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 3Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 4Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 5Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 6Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-20QPNI Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Specifications GAL16V8
3
Part Number Description
Blank = Commercial
I = Industrial
Grade
Package
Power
L = Low Power
Q = Quarter Power
Speed (ns)
XXXXXXXX
XX
X XX X
Device Name
_
P = Plastic DIP
PN = Lead-free Plastic DIP
J = PLCC
JN = Lead-free PLCC
S = SOIC
GAL16V8D
Lead-Free Packaging
Commercial Grade Specifications
Industrial Grade Specifications
)
s
n
(
d
p
T)
s
n
(
u
s
T)
s
n
(
o
c
T)
A
m
(
c
c
I#
g
n
i
r
e
d
r
Oe
g
a
k
c
a
P
5
.
77
5
10
38
V
6
1
L
A
G7
-
DJ
LI
N
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
10
38
V
6
1
L
A
G7
-
DP
LI
N
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
0
10
17
0
3
1I
N
J
L
0
1
-
D
8
V
6
1
L
A
GC
C
L
P
d
a
e
L
-
0
2
e
e
r
F
-
d
a
e
L
0
3
1I
N
P
L
0
1
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
12
10
10
3
1
J
L
5
1
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
L-
0
2C
C
L
P
d
a
e
L
0
3
1
P
L
5
1
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
0
23
11
1
5
6
J
Q
0
2
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
5
6
P
Q
0
2
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
25
12
1
5
6
J
Q
5
2
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
5
6
P
Q
5
2
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
0
3
1
J
L
5
2
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
0
3
1
P
L
5
2
-
D
8
V
6
1
L
A
GI
N
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
)
s
n
(
d
p
T)
s
n
(
u
s
T)
s
n
(
o
c
T)
A
m
(
c
c
I#
g
n
i
r
e
d
r
Oe
g
a
k
c
a
P
5
.
35
.
20
.
35
1
1N
J
L
3
-
D
8
V
6
1
L
A
G
1
C
C
L
P
d
a
e
L
-
0
2
e
e
r
F
-
d
a
e
L
53
4
5
1
1
8
V
6
1
L
A
G5
-
DN
J
L
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
5
.
77
5
15
1D
8
V
6
1
L
A
G7
-L N
P
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
15
18
V
6
1
L
A
G7
-
DN
J
L
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
0
10
17
5
5N
P
Q
0
1
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
5N
J
Q
0
1
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
5
1
1
8
V
6
1
L
A
G0
1
-
DN
P
L
e
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
1
1
8
V
6
1
L
A
G0
1
-
DN
J
L
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
5
12
10
15
5N
P
Q
5
1
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
5N
J
Q
5
1
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
0
9N
P
L
5
1
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
0
9
L
5
1
-
D
8
V
6
1
L
A
GN
J
e
e
r
F
-
d
a
e
Ld
a
e
L
-
0
2C
C
L
P
5
25
12
15
5N
P
Q
5
2
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
5
5N
J
Q
5
2
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
0
9N
P
L
5
2
-
D
8
V
6
1
L
A
Ge
e
r
F
-
d
a
e
LP
I
D
c
i
t
s
a
l
P
n
i
P
-
0
2
0
9
L
5
2
-
D
8
V
6
1
L
A
GN
J
e
e
r
F
-
d
a
e
LC
C
L
P
d
a
e
L
-
0
2
1. Discontinued per PCN #06-07. Contact Rochester Electronics for available inventory.


Similar Part No. - GAL16V8D-20QPNI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-20QPNI LATTICE-GAL16V8D-20QPNI Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16V8D-20QPNI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
PHOENIX CONTACT
CRIMPFOX-ZA-6-3 PHOENIX-CRIMPFOX-ZA-6-3 Datasheet
75Kb / 2P
   Discontinued item
CRIMPFOX-UD-10-4 PHOENIX-CRIMPFOX-UD-10-4 Datasheet
77Kb / 2P
   Discontinued item
CRIMPFOX-UC-6 PHOENIX-CRIMPFOX-UC-6 Datasheet
73Kb / 2P
   Discontinued item
CRIMPFOX-50 PHOENIX-CRIMPFOX-50 Datasheet
79Kb / 3P
   Discontinued item
logo
Freescale Semiconductor...
KL14 FREESCALE-KL14 Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
Sonardyne sound in dept...
7801 SONARDYNE-7801 Datasheet
86Kb / 2P
   Compatt Mk4 EHF (Discontinued)
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com