Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPH-002T-P0.5S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPH-002T-P0.5S
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPH-002T-P0.5S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPH-002T-P0.5S Datasheet HTML 1Page - List of Unclassifed Manufacturers SPH-002T-P0.5S Datasheet HTML 2Page - List of Unclassifed Manufacturers SPH-002T-P0.5S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PH CONNECTOR
2.0mm pitch/Disconnectable Crimp style connectors
Emboss Tape
φ0.7  0
2
±0.05
+0.1
4.5
End face of wafer
on the mating side
Circuit No.1
±0.1
1.5
±0.1
1.6
±0.05
2
1min
7.6
9.6
1
End face of wafer
on the mating side
Circuit No.1
±0.1
1.6
±0.1
1.6
±0.05
2
1 min
5
(2)
This is a thin, low-profile 2.0mm pitch
connector 8.0mm in height after mounting
and 4.5mm in width. It is designed to meet
the demand for high-density connection of
internal wires to printed circuit boards. It is
compact, highly reliable and low in cost.
• Reliable contact
• Fully shrouded header
• Printed circuit board retention mechanism
• Surface mount model (SMT)
Specifications –––––––––––––––––––
• Current rating: 2A AC, DC (AWG #24)
• Voltage rating: 100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m
Ω max.
After environmental testing/ 20m
Ω max.
• Insulation resistance: 1,000M
Ω min.
• Withstanding voltage: 800V AC/ minute
• Applicable wire: AWG #32 to #24
• Applicable PC board thickness: 0.8 to 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R75087
Through-hole type (viewed from soldering side)
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions should
be larger. The dimensions above should serve as a guideline. Contact JST for details.
Side entry type
Top entry type
SM4 type
Top entry type
SMT type (viewed from component side)
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. The dimensions above should serve as a guideline. Contact JST for details.
1
φ0.7
+0.1
 0
2
±0.05
7.6
9.6
6.25
SM4 type
Side entry type


Similar Part No. - SPH-002T-P0.5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPH-002T-P0.5S ETC1-SPH-002T-P0.5S Datasheet
153Kb / 7P
   Disconnectable Crimp style connectors
SPH-002T-P0.5S ETC2-SPH-002T-P0.5S Datasheet
232Kb / 8P
   Crimping tools and machines
SPH-002T-P0.5S ETC2-SPH-002T-P0.5S Datasheet
224Kb / 8P
   APPLICATION TOOLING
SPH-002T-P0.5S ETC2-SPH-002T-P0.5S Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results

Similar Description - SPH-002T-P0.5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com