Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06HR-6S-P-N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 06HR-6S-P-N
Description  2.5mm pitch/Disconnectable Insulation displacement connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

06HR-6S-P-N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  06HR-6S-P-N Datasheet HTML 1Page - List of Unclassifed Manufacturers 06HR-6S-P-N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
HR CONNECTOR
Circuits
Model No.
AWG #28
(green)
Dimensions (mm)
Q'ty /
box
Material and Finish
Contact: coppe alloy, tin-plated (reflow treatment)
Housing: PA 66, UL94V-0
AB
2
3
4
5
6
7
8
9
10
11
12
13
15
02HR-8M-P-N
03HR-8M-P-N
04HR-8M-P-N
05HR-8M-P-N
06HR-8M-P-N
07HR-8M-P-N
08HR-8M-P-N
09HR-8M-P-N
10HR-8M-P-N
11HR-8M-P-N
12HR-8M-P-N
13HR-8M-P-N
02HR-6S-P-N
03HR-6S-P-N
04HR-6S-P-N
05HR-6S-P-N
06HR-6S-P-N
07HR-6S-P-N
08HR-6S-P-N
09HR-6S-P-N
10HR-6S-P-N
11HR-6S-P-N
12HR-6S-P-N
13HR-6S-P-N
*15HR-6S-P-N
02HR-4K-P-N
03HR-4K-P-N
04HR-4K-P-N
05HR-4K-P-N
06HR-4K-P-N
07HR-4K-P-N
08HR-4K-P-N
09HR-4K-P-N
10HR-4K-P-N
11HR-4K-P-N
12HR-4K-P-N
13HR-4K-P-N
*15HR-4K-P-N
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
35.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
40.0
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
250
250
AWG #26
(natural/white)
AWG #24
(black)
4.1
3.6
2.5
2.5
A
B
The shrouded headers are interchangeable with those of the EH and HR crimp style connectors.
Note: 1. Not TU
¨ V approved.
2. *Marked products are not also UL/CSA approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
02HR-4K-P-N-
standard color AWG#28: M…green, AWG#26: S…natural (white)
AWG#24: K…black
R…red TR…tomato red Y…yellow L…lemon yellow
N…brown E…blue O…orange
Socket
Shrouded header


Similar Part No. - 06HR-6S-P-N

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
06HBU DEC-06HBU Datasheet
482Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - 06HR-6S-P-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
BM02B-SRSS-TB ETC1-BM02B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
SM02B-SURS-TF ETC2-SM02B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XADRP-14V ETC2-XADRP-14V Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com