Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04FFS-SP-TF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 04FFS-SP-TF
Description  Because of its small pitch and its ability to be surface mounted, this connector meets the demand for high-density packaging.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

04FFS-SP-TF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  04FFS-SP-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers 04FFS-SP-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
The FFS series connectors are designed
for surface mounting (SMT) and to meet
the demand for high-density packaging.
They are miniature connectors with a
height of only 2.8mm. Their high contact
pressure eliminates fretting corrosion and
ensures secure connections. Low insertion
force make connection easy.
Features ––––––––––––––––––––––––
• Surface mountable (SMT)
Because of its small pitch and its ability to be surface mounted,
this connector meets the demand for high-density packaging.
• Double-leaf contact mating enhances
reliability through redundancy
The contact is made of phosphor bronze that maintains its
spring force in adverse environmental conditions. FFC leads can
be inserted with little force, yet the contact pressure is high once
they are inserted.
• Low profile design
This connector is very small with a mounting height of only
2.8mm.
• Simple snap-in action
The FFC is securely connected by simply inserting its leads
into the connector.
• Embossed tape for automatic mounting
The FFS connector is supplied packaged in embossed tape for
automatic mounting.
• Solder tabs
This connector also features reinforcing solder tabs to prevent
lifting of the connector during mating and unmating.
Specifications –––––––––––––––––––
• Current rating: 0.5A AC, DC
• Voltage rating: 50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/20m
Ω max.
After environmental testing/30m
Ω max.
• Insulation resistance: 800M
Ω min.
• Withstanding voltage: 500V AC/minute
• Applicable FFC: Conductor pitch/1.25mm
Conductor width/0.8mm
Mating part thickness/0.3±0.05mm
<Note>FFC to be actually used should be checked for applicability.
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0RecognizedE60389
1CertifiedLR20812
FFS CONNECTOR
Connectors for FFC
1.25mm
pitch
Emboss Tape


Similar Part No. - 04FFS-SP-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
04FE-BT-VK-N ETC2-04FE-BT-VK-N Datasheet
119Kb / 2P
   1.25mm pitch Connectors for FFC
04FE-ST-VK-N ETC2-04FE-ST-VK-N Datasheet
119Kb / 2P
   1.25mm pitch Connectors for FFC
More results

Similar Description - 04FFS-SP-TF

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
HRL12150W CSB-BATTERY-HRL12150W Datasheet
870Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12200W CSB-BATTERY-HRL12200W_13 Datasheet
775Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12540W CSB-BATTERY-HRL12540W Datasheet
1Mb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
XHRL12475W CSB-BATTERY-XHRL12475W_15 Datasheet
890Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS12580 CSB-BATTERY-UPS12580 Datasheet
873Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HRL12110W CSB-BATTERY-HRL12110W_12 Datasheet
873Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS123607 CSB-BATTERY-UPS123607_12 Datasheet
937Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
XHRL12410W CSB-BATTERY-XHRL12410W_15 Datasheet
836Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
HR1290W CSB-BATTERY-HR1290W_15 Datasheet
695Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS122406 CSB-BATTERY-UPS122406 Datasheet
828Kb / 2P
   Its characteristics are high energy density, small footprint and high discharge efficiency.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com