Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX838585A85B-05 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX838585A85B-05
Description  3A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX838585A85B-05 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX838585A85B-05 Datasheet HTML 3Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 4Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 5Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 6Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 7Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 8Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 9Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 10Page - Microsemi Corporation LX838585A85B-05 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRODUCTION DATA SHEET
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 2.0b, 2005-10-25
LX8385x-xx
3A Low Dropout Positive Regulators
TM
®
TY PICAL APPLICATIONS
10µF
LX8385x
R1
121Ω 1%
R2
365Ω 1%
IN
ADJ
OUT
FIGURE 4
- IMPROVING RIPPLE REJECTION
V
IN
V
OUT
C1
10µF*
150µF
+
+
* C1 improves ripple rejection.
X
C should be
R1 at ripple
frequency.
(Note A)
C1*
10µF
LX8385x
R1
121Ω 1%
R2
1k
IN
ADJ
OUT
FIGURE 5
- 1.2V - 8V ADJUSTABLE REGULATOR
V
IN
V
OUT**
C2
100µF
+
+
* Needed if device is far from filter capacitors.
+
=
R1
R2
1
1.25V
*V
*
OUT
(Note A)
10µF
365Ω
1%
LX8385x
100µF
1k
1k
121Ω
1%
2N3904
IN
ADJ
OUT
FIG URE 6
- 5V REGULATOR W ITH SHUTDOW N
TTL
Output
V
IN
5V
+
+
(note A)
LX8385x
IN
ADJ
OUT
FIGURE 7
- FIXED 3.3V OUTPUT REGULATOR
V
IN
3.3V
10µF Tantalum or
100µF Alum inum
Min. 15µF Tantalum or
100µF Alum inum capacitor. May
be increased without lim it. ESR
m ust be less than <400m Ω .
Note A:
X)
DROPOUT(MA
OUT
IN(MIN)
V
)
V
(
V
Intended
+
=


Similar Part No. - LX838585A85B-05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385 MICROSEMI-LX8385 Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8385-00 MICROSEMI-LX8385-00 Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8385-00CD MICROSEMI-LX8385-00CD Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LX8385-00CD ETC1-LX8385-00CD Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CP MICROSEMI-LX8385-00CP Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX838585A85B-05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com