Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1480 Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. 2N1480
Description  NPN SILICON MEDIUM POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 2 page
background image
2N1479, 2N1480, 2N1481, 2N1482 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(1)
Forward-Current Transfer Ratio
IC = 200 mAdc, VCE = 4.0 Vdc
2N1479, 2N1480
2N1481, 2N1482
hFE
20
35
60
100
Collector-Emitter Saturation Voltage
IC = 200 mAdc, IB = 20 mAdc
2N1479, 2N1480
IC = 200 mAdc, IB = 10 mAdc
2N1481, 2N1482
VCE(sat)
0.75
0.75
Vdc
Base-Emitter Voltage
IC = 200 mAdc, VCE = 4.0 Vdc
VBE
1.5
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Cutoff Frequency
IC = 5.0 mAdc, VCB = 28 Vdc
fab
800
kHz
SWITCHING CHARACTERISTICS
Total Switching Time
VCC = 12 Vdc; RC = 59 Ω; IB0 = IB2 = 8.5 mAdc; IB1= 20 mAdc
ton + toff
25
µs
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl