Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLLY540 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLLY540
Description  Low Current LED in Ø 5 mm Tinted Diffused Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLY540 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLLY540 Datasheet HTML 1Page - Vishay Siliconix TLLY540 Datasheet HTML 2Page - Vishay Siliconix TLLY540 Datasheet HTML 3Page - Vishay Siliconix TLLY540 Datasheet HTML 4Page - Vishay Siliconix TLLY540 Datasheet HTML 5Page - Vishay Siliconix TLLY540 Datasheet HTML 6Page - Vishay Siliconix TLLY540 Datasheet HTML 7Page - Vishay Siliconix TLLY540 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLLR540., TLLY540., TLLG540.
www.vishay.com
Rev. 1.7, 29-Apr-13
3
Document Number: 83030
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 5 - Relative Luminous Intensity vs. Forward Current/Duty Cycle
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
2
4
6
8
10
T - Ambient Temperature (°C)
0
2040
6080
100
95 10064
0.4
0.2
0
0.2
0.4
0.6
95 10060
0.6
0.9
0.8
0
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.1
1
10
100
VF - Forward Voltage (V)
95 10050
red
t
p/T = 0.001
t
p = 10 µs
5
4
3
2
0
1
0
95 10051
20
40
60
80
100
IF = 2 mA
0
0.4
0.8
1.2
1.6
2.0
Tamb - Ambient Temperature (°C)
red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
96 11490
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0
red
0.01
0.1
1
10
100
95 10061
IF - Forward Current (mA)
100
10
1
0.1
red


Similar Part No. - TLLY540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLY540 VISHAY-TLLY540 Datasheet
94Kb / 7P
   Low Current LED in 짰5 mm Tinted Diffused Package
Rev. A2, 04-Feb-99
logo
STMicroelectronics
TLLY540 STMICROELECTRONICS-TLLY540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLLY540 VISHAY-TLLY540 Datasheet
117Kb / 7P
   Low Current LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
More results

Similar Description - TLLY540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLPG5600V02 VISHAY-TLPG5600V02 Datasheet
210Kb / 9P
   Side View LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com