Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP9N25E Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP9N25E
Description  TMOS POWER FET 9.0 AMPERES 250 VOLTS RDS(on) = 0.45 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP9N25E Datasheet(HTML) 1 Page - Motorola, Inc

  MTP9N25E Datasheet HTML 1Page - Motorola, Inc MTP9N25E Datasheet HTML 2Page - Motorola, Inc MTP9N25E Datasheet HTML 3Page - Motorola, Inc MTP9N25E Datasheet HTML 4Page - Motorola, Inc MTP9N25E Datasheet HTML 5Page - Motorola, Inc MTP9N25E Datasheet HTML 6Page - Motorola, Inc MTP9N25E Datasheet HTML 7Page - Motorola, Inc MTP9N25E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate
This advanced TMOS E–FET is designed to withstand high
energy in the avalanche and commutation modes. The new energy
efficient design also offers a drain–to–source diode with a fast
recovery time. Designed for low voltage, high speed switching
applications in power supplies, converters and PWM motor
controls, these devices are particularly well suited for bridge circuits
where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected
voltage transients.
• Avalanche Energy Specified
• Source–to–Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
250
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
250
Vdc
Gate–to–Source Voltage — Continuous
— Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current
— Continuous
— Continuous @ 100
°C
— Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
9.0
5.7
32
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
80
0.64
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 80 Vdc, VGS = 10 Vdc, Peak IL = 9.0 Apk, L = 3.0 mH, RG = 25 Ω)
EAS
122
mJ
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
1.56
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MTP9N25E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MTP9N25E
TMOS POWER FET
9.0 AMPERES
250 VOLTS
RDS(on) = 0.45 OHM
Motorola Preferred Device
®
D
S
G
CASE 221A–06, Style 5
TO–220AB


Similar Part No. - MTP9N25E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP9N25E ONSEMI-MTP9N25E Datasheet
213Kb / 7P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
More results

Similar Description - MTP9N25E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP1N100E MOTOROLA-MTP1N100E Datasheet
203Kb / 8P
   TMOS POWER FET 1.0 AMPERES 1000 VOLTS RDS(on) = 9.0 OHM
MTB9N25E MOTOROLA-MTB9N25E Datasheet
258Kb / 10P
   TMOS POWER FET 9.0 AMPERES 250 VOLTS
MTP3N25E MOTOROLA-MTP3N25E Datasheet
208Kb / 8P
   TMOS POWER FET 3.0 AMPERES 250 VOLTS RDS(on) = 1.4 OHM
MTW32N25E MOTOROLA-MTW32N25E Datasheet
151Kb / 8P
   TMOS POWER FET 32 AMPERES 250 VOLTS RDS(on) = 0.08 OHM
MTD5N25E MOTOROLA-MTD5N25E Datasheet
252Kb / 10P
   TMOS POWER FET 5.0 AMPERES 250 VOLTS RDS(on) = 1.0 OHM
MTP16N25E MOTOROLA-MTP16N25E Datasheet
222Kb / 8P
   TMOS POWER FET 16 AMPERES 250 VOLTS RDS(on) = 0.25 OHM
MTW23N25E MOTOROLA-MTW23N25E Datasheet
152Kb / 8P
   TMOS POWER FET 23 AMPERES 250 VOLTS RDS(on) = 0.11 OHM
MTD3N25E MOTOROLA-MTD3N25E Datasheet
253Kb / 10P
   TMOS POWER FET 3 AMPERES 250 VOLTS RDS(on) = 1.4 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com