Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57237S0709M0 Datasheet(PDF) 3 Page - EPCOS

Part # B57237S0709M0
Description  NTC thermistors for inrush current limiting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57237S0709M0 Datasheet(HTML) 3 Page - EPCOS

  B57237S0709M0 Datasheet HTML 1Page - EPCOS B57237S0709M0 Datasheet HTML 2Page - EPCOS B57237S0709M0 Datasheet HTML 3Page - EPCOS B57237S0709M0 Datasheet HTML 4Page - EPCOS B57237S0709M0 Datasheet HTML 5Page - EPCOS B57237S0709M0 Datasheet HTML 6Page - EPCOS B57237S0709M0 Datasheet HTML 7Page - EPCOS B57237S0709M0 Datasheet HTML 8Page - EPCOS B57237S0709M0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1) For details on the capacitance Ctest as well as on the parameters k and n refer to "Application notes", chapters 1.6 and 1.7.
R25
Imax
(0...25
°C)
A
B25/100
K
Ctest1)
230 V AC
µF
Ctest1)
110 V AC
µF
Param.
for R(I)1)
k
Param.
for R(I)1)
n
Ordering code
** = Delivery mode
00 = Bulk
51 = Reel packing
33
2.5
3300
900
3600
1.78
1.37
B57237S0330M0**
60
1.6
4000
400
1600
1.77
1.44
B57237S0600M0**
Reliability data
Test
Standard
Test conditions
∆R
25/R25
(typical)
Remarks
Storage in
dry heat
IEC
60068-2-2
Storage at upper
category temperature
T: 170
°C
t: 1000 h
< 10%
No visible
damage
Storage in damp
heat, steady state
IEC
60068-2-78
Temperature of air: 40
°C
Relative humidity of air: 93%
Duration: 21 days
< 5%
No visible
damage
Rapid temperature
cycling
IEC
60068-2-14
Lower test temperature:
55
°C
Upper test temperature: 170
°C
Number of cycles: 10
< 10%
No visible
damage
Endurance
I = Imax
t: 1000 h
< 10%
No visible
damage
Cyclic
endurance
I = Imax, 1000 cycles
On-time = 1 min
Cooling time = 6 min
< 10%
No visible
damage
Transient
load
Capacitance = Ctest
Number of cycles: 1000
< 5%
No visible
damage
Note
The self-heating of a thermistor during operation depends on the load applied and the
applicable dissipation factor.
When loaded with maximum allowable current/power and the specified dissipation factor is
taken as a basis, the NTC thermistor may reach a mean temperature of up to 250
°C.
The heat developed during operation will also be dissipated through the lead wires. So the
contact areas, too, may become quite hot at maximum load.
When mounting NTC thermistors you have to ensure that there is an adequate distance
between the thermistor and all parts which are sensitive to heat or combustible.
Inrush current limiters
B57237S0***M0**
ICLs
S237
Page 3 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57237S0709M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57237S0709M0 EPCOS-B57237S0709M0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S0709M0 EPCOS-B57237S0709M0 Datasheet
453Kb / 1P
   NTC thermistors for inrush current limiting
B57237S0709M000 EPCOS-B57237S0709M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57237S0709M000 EPCOS-B57237S0709M000 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57237S0709M000 EPCOS-B57237S0709M000 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57237S0709M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com