Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2NT91-4 Datasheet(PDF) 6 Page - Honeywell Accelerometers

Part # 2NT91-4
Description  Interactive Catalog Replaces Catalog PDFs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2NT91-4 Datasheet(HTML) 6 Page - Honeywell Accelerometers

  2NT91-4 Datasheet HTML 1Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 2Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 3Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 4Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 5Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 6Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 7Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 8Page - Honeywell Accelerometers 2NT91-4 Datasheet HTML 9Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Manual Switches
NT Series
Flat Base Sealed Toggles and Rockers
112
Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
UL AND CSA ELECTRICAL RATINGS
Rating Code*
Electrical Rating
L192
10 amps, 125, 250, 277 VAC; 14 Hp, 125 VAC; 12 Hp, 250, 277 VAC; 3 amps,
125 VAC ‘‘L’’
L191
15 amps, 125, 250, 277 VAC; 12 Hp, 125 VAC; 1 Hp, 250, 277 VAC; 5 amps,
125 VAC ‘‘L’’
ELECTRICAL RATINGS
In Amperes
115 Volts AC
28 Volts DC
115 VDC 250 VDC
60 & 400 Hz
230 VAC
Rating
Code
Ind.
Res.
Lamp
Res.
Res.
Ind.
Res.
Lamp
Res.
1
12
20
5
0.75
0.5
10
15
3
6
2
10
15
4
0.75
0.5
7
15
2
6
3
15
20
7
0.75
0.5
15
15
4
6
4
10
18
5
0.75
0.5
8
11
2
6
Application Note: Honeywell MICRO SWITCH does
not recommend the use of silver
cadmium oxide switch contacts in non-arcing loads. Non-arcing loads are generally
loads less than 12 volts and/or 0.5 amp. NT switches use silver cadmium oxide
contacts. For other options, contact the MICRO SWITCH Application Center at
1-800-537-6945.
Spring-loaded actuating mechanism
provides tactile feedback
High impact strength, non-tracking
case enhances electrical stability
Temperature range: –40 to 71°C (–40
to 160°F)
UL Recognized, File E12252, vol. 1,
section 44
CSA Certified, File LR4442
CE approved
GENERAL INFORMATION
MICRO SWITCH NT Series toggle switches
are designed to meet severe environment
application needs for rugged, cost-effective
manual switches. These flat base style
products are identical to the stepped
base style in construction and features.
The flat base allows for PC board or con-
nector use for easy wiring/connection.
The flat base NT toggle switches are
provided with quick-connect (spade)
termination. Mating connectors are
available.
TERMINAL CIRCUIT IDENTIFICATION
Terminal identifications are referenced in
the order guides to indicate which circuits
are made in each toggle position (e.g.
‘‘1-2’’ refers to circuit closure through ter-
minals 1 and 2).
FEATURES
Sealed switching chamber
1 or 2-pole circuitry
2 or 3 position maintained and
momentary action
Flat base with quick-connect
terminals – mating connectors are
available


Similar Part No. - 2NT91-4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2NT91-4 HONEYWELL-ACC-2NT91-4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
logo
Honeywell Solid State E...
2NT91-4 HONEYWELL-2NT91-4 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
2NT91-4 HONEYWELL-ACC-2NT91-4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
logo
Honeywell Solid State E...
2NT91-4 HONEYWELL-2NT91-4 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
2NT91-4 HONEYWELL-ACC-2NT91-4 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
More results

Similar Description - 2NT91-4

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
XCX15DNH HONEYWELL-ACC-XCX15DNH Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog PDFs
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com