Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG317 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # SG317
Description  TM 1.5A Three Terminal Adj. Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG317 Datasheet(HTML) 7 Page - Microsemi Corporation

  SG317 Datasheet HTML 1Page - Microsemi Corporation SG317 Datasheet HTML 2Page - Microsemi Corporation SG317 Datasheet HTML 3Page - Microsemi Corporation SG317 Datasheet HTML 4Page - Microsemi Corporation SG317 Datasheet HTML 5Page - Microsemi Corporation SG317 Datasheet HTML 6Page - Microsemi Corporation SG317 Datasheet HTML 7Page - Microsemi Corporation SG317 Datasheet HTML 8Page - Microsemi Corporation SG317 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
APPLICATION INFORMATION
GENERAL
The SG117A develops a 1.25V reference voltage
between the output and the adjustable terminal (see Figure
1). By placing a resistor, R1 between these two terminals, a
constant current is caused to flow through R1 and down
through R2 to set the overall output voltage, Normally this
current is the specified minimum load current of 5mA or
10mA.
2
ADJ
1
2
REF
OUT
R
I
R
R
1
V
V
+
=
⎟⎟
⎜⎜
Figure 17 – Basic Regulator Circuit
Because IADJ is very small and constant when compared
with the current through R1, it represents a small error and
can usually be ignored.
It is easily seen from the above equation, that even if the
resistors were of exact value, the accuracy of the output is
limited by the accuracy of VREF. Earlier adjustable
regulators had a reference tolerance of ±4%. This tolerance
is dangerously close to the ±5% supply tolerance required
in many logic and analog systems. Further, many 1%
resistors can drift 0.01%°C adding another 1% to the output
voltage tolerance.
For example, using 2% resistors and ±4% tolerance for
VREF, calculations will show that the expected range of a
5V regulator design would be 4.66V < VOUT < 5.36V or
approximately ±7%. If the same example were used for a
15V regulator, the expected tolerance would be ±8%. With
these results most applications require some method of
trimming, usually a trim pot. This solution is expensive and
not conducive to volume production.
One of the enhancements of Silicon General’s adjustable
regulators
over
existing
devices
is
tightened
initial
tolerance. This allows relatively inexpensive 1% or 2% film
resistors to be used for R1 and R2 while setting output
voltage within an acceptable tolerance range.
With a guaranteed 1% reference, a 5V power supply
design, using ±2% resistors, would have a worse case
manufacturing tolerance of ±4%. If 1% resistors were used,
the tolerance would drop to ±2.5%. A plot of the worst case
output voltage tolerance as a function of resistor tolerance
is shown on the front page.
For convenience, a table of standard 1% resistor values
is shown below
Table of ½% and 1% Standard Resistance Values
1.00
1.47
2.15
3.16
4.64
6.81
1.02
1.50
2.21
3.24
4.75
6.98
1.05
1.54
2.26
3.32
4.87
7.15
1.07
1.58
2.32
3.40
4.99
7.32
1.10
1.62
2.37
3.48
5.11
7.50
1.13
1.65
2.43
3.57
5.23
7.68
1.15
1.69
2.49
3.65
5.36
7.87
1.18
1.74
2.55
3.74
5.49
8.06
1.21
1.78
2.61
3.83
5.62
8.25
1.24
1.82
2.67
3.92
5.76
8.45
1.27
1.87
2.74
4.02
5.90
8.66
1.30
1.91
2.80
4.12
6.04
8.87
1.33
1.96
2.87
4.22
6.19
9.09
1.37
2.00
2.94
4.32
6.34
9.31
1.40
2.05
3.01
4.42
6.49
9.53
1.43
2.10
3.09
4.53
6.65
9.76
Standard Resistance Values are obtained from the
Decade Table by multiplying by multiples of 10. As an
example: 1.21 can represent 1.21Ω, 12.1Ω, 121Ω, 1.21kΩ,
etc.
Figure 18 – Connections for Best Load Regulation
Figure 19 – 1.2V – 25V Adjustable Regulator


Similar Part No. - SG317

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG317 MICROSEMI-SG317 Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Micro Electronics
SG317 MICRO-ELECTRONICS-SG317 Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG317 MICROSEMI-SG317 Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
logo
AMETHERM Circuit Protec...
SG317 AMETHERM-SG317 Datasheet
362Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
logo
Microsemi Corporation
SG317A MICROSEMI-SG317A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - SG317

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
7703401YA MICROSEMI-7703401YA Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117AIG-DESC MICROSEMI-SG117AIG-DESC Datasheet
365Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
SG117AHV MICROSEMI-SG117AHV Datasheet
455Kb / 13P
   1.5A Three Terminal Adj. Voltage Regulator
SG117 MICROSEMI-SG117_06 Datasheet
359Kb / 9P
   1.5A Three Terminal Adj. Voltage Regulator
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
   THREE-TERMINAL VOLTAGE REGULATOR
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
   Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
   Three-Terminal Voltage Regulator
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
   Three-terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
   Three-terminal voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com