Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1141IGV-1.2-T1 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # AAT1141IGV-1.2-T1
Description  Fast Transient 600mA Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1141IGV-1.2-T1 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button AAT1141IGV-1.2-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1141IGV-1.2-T1 Datasheet HTML 13Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
AAT1141
FastTransient 600mA Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201979B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Functional Description
The AAT1141 is a high performance 600mA 2MHz mono-
lithic step-down converter. It has been designed with the
goal of minimizing external component size and optimiz-
ing efficiency over the complete load range. Apart from
the small bypass input capacitor, only a small L-C filter
is required at the output. Typically, a 4.7μH inductor and
a 4.7μF ceramic capacitor are recommended (see table
of values).
The fixed output version requires only three external
power components (CIN, COUT, and L). The adjustable ver-
sion can be programmed with external feedback to any
voltage, ranging from 0.6V to the input voltage. An addi-
tional feed-forward capacitor can also be added to the
external feedback to provide improved transient response
(see Figure 1).
At dropout, the converter duty cycle increases to 100%
and the output voltage tracks the input voltage minus
the RDS(ON) drop of the P-channel high-side MOSFET.
The input voltage range is 2.7V to 5.5V. The converter
efficiency has been optimized for all load conditions,
ranging from no load to 600mA.
The internal error amplifier and compensation provides
excellent transient response, load, and line regulation.
Soft start eliminates any output voltage overshoot when
the enable or the input voltage is applied.
Functional Block Diagram
EN
LX
Err
.
Amp
Logic
DH
DL
GND
IN
OUT
Voltage
Reference
INPUT
See note
Note: For adjustable version, the internal feedback divider is omitted and the OUT pin is tied directly
to the internal error amplifier.


Similar Part No. - AAT1141IGV-1.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141IGV-1.2-T1 ANALOGICTECH-AAT1141IGV-1.2-T1 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT1141IGV-1.2-T1 ANALOGICTECH-AAT1141IGV-1.2-T1 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
More results

Similar Description - AAT1141IGV-1.2-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com