Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1143 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # AAT1143
Description  1MHz 400mA Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1143 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button AAT1143 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1143 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
AAT1143
1MHz 400mA Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201983B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 25, 2013
Typical Characteristics
Load Transient Response
(30mA to 300mA; VIN = 3.6V; VOUT = 1.8V; C1 = 4.7
μμF)
Time (25
μs/div)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
300mA
30mA
Line Transient
(VOUT = 1.8V @ 400mA)
Time (25
μμs/div)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Line Regulation
(VOUT = 1.8V)
Input Voltage (V)
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT = 400mA
IOUT = 100mA
IOUT = 10mA
Soft Start
(VIN = 3.6V; VOUT = 1.8V; 400mA)
Time (250
μμs/div)
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5


Similar Part No. - AAT1143

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143IJS-0.6-T1 ANALOGICTECH-AAT1143IJS-0.6-T1 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143IJS-0.6-T1 ANALOGICTECH-AAT1143IJS-0.6-T1 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143IJS-1.2-T1 ANALOGICTECH-AAT1143IJS-1.2-T1 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
More results

Similar Description - AAT1143

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
AAT2510 ANALOGICTECH-AAT2510_06 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1126 ANALOGICTECH-AAT1126 Datasheet
554Kb / 20P
   600mA, 1MHz Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1126 SKYWORKS-AAT1126 Datasheet
1,004Kb / 18P
   600mA, 1MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com