Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1141 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # AAT1141
Description  Fast Transient 600mA Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1141 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button AAT1141 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 14Page - Skyworks Solutions Inc. AAT1141 Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
AAT1141
FastTransient 600mA Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201979B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Applications Information
Inductor Selection
The step-down converter uses peak current mode con-
trol with slope compensation to maintain stability for
duty cycles greater than 50%. The output inductor
value must be selected so the inductor current down
slope meets the internal slope compensation require-
ments. The internal slope compensation for the adjust-
able and low-voltage fixed versions of the AAT1141 is
0.24A/μsec. This equates to a slope compensation that
is 75% of the inductor current down slope for a 1.5V
output and 4.7μH inductor.
0.75 · V
O
m =
=
= 0.24
L
0.75 · 1.5V
4.7μH
A
μs
This is the internal slope compensation for the adjust-
able (0.6V) version or low-voltage fixed versions. When
externally programming the 0.6V version to 2.5V, the
calculated inductance is 7.5μH.
0.75 · V
O
L =
=
3
· V
O
= 3
· 2.5V = 7.5μH
m
0.75 · V
O
0.24
μs
A
μs
A
A
μs
In this case, a standard 6.8μH value is selected.
For high-voltage fixed versions (2.5V), m = 0.48A/
μsec. Table 1 displays inductor values for the AAT1141
fixed and adjustable options.
Manufacturer's specifications list both the inductor DC
current rating, which is a thermal limitation, and the
peak current rating, which is determined by the satura-
tion characteristics. The inductor should not show any
appreciable saturation under normal load conditions.
Some inductors may meet the peak and average current
ratings yet result in excessive losses due to a high DCR.
Always consider the losses associated with the DCR and
its effect on the total converter efficiency when selecting
an inductor.
Output
Voltage (V)
Inductor (μH)
Output
Capacitor (μF)
1, 1.2
2.2
10
1.5, 1.8
4.7
4.7
2.5, 3.3
6.8
4.7
Table 1: Inductor and Output Capacitor Values.
The 4.7μH CDRH2D14 series inductor selected from
Sumida has a 135mΩ typical DCR and a 1A DC current
rating. At full load, the inductor DC loss is 48mW which
gives a 4.5% loss in efficiency for a 600mA, 1.8V out-
put.
Input Capacitor
Select a 4.7μF to 10μF X7R or X5R ceramic capacitor for
the input. To estimate the required input capacitor size,
determine the acceptable input ripple level (VPP) and
solve for C. The calculated value varies with input volt-
age and is a maximum when VIN is double the output
voltage.
⎛⎞
· 1 -
⎝⎠
VO
VIN
CIN =
VO
VIN
⎛⎞
- ESR
·
FS
⎝⎠
VPP
IO
⎛⎞
· 1 -
=
for VIN = 2 · VO
⎝⎠
VO
VIN
VO
VIN
1
4
CIN(MIN) =
1
⎛⎞
- ESR
·
4 · FS
⎝⎠
VPP
IO
Always examine the ceramic capacitor DC voltage coef-
ficient characteristics when selecting the proper value.
For example, the capacitance of a 10μF, 6.3V, X5R
ceramic capacitor with 5.0V DC applied is actually about
6μF.
The maximum input capacitor RMS current is:
⎛⎞
IRMS = IO ·
· 1 -
⎝⎠
VO
VIN
VO
VIN
The input capacitor RMS ripple current varies with the
input and output voltage and will always be less than or
equal to half of the total DC load current.
⎛⎞
· 1 -
= D · (1 - D) =
0.52 =
⎝⎠
VO
VIN
VO
VIN
1
2
for VIN = 2 · VO
IO
RMS(MAX)
I
2
=
The term
⎛⎞
· 1 -
⎝⎠
VO
VIN
VO
VIN
appears in both the input voltage
ripple and input capacitor RMS current equations and is
a maximum when VO is twice VIN. This is why the input
voltage ripple and the input capacitor RMS current ripple
are a maximum at 50% duty cycle.


Similar Part No. - AAT1141

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141ICB-0.6-T1 ANALOGICTECH-AAT1141ICB-0.6-T1 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT1141ICB-0.6-T1 ANALOGICTECH-AAT1141ICB-0.6-T1 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
More results

Similar Description - AAT1141

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com