Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1130IJQ-0.6-T1 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AAT1130IJQ-0.6-T1
Description  2.5MHz 400mA Step-Down DC/DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1130IJQ-0.6-T1 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AAT1130IJQ-0.6-T1 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1130IJQ-0.6-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
AAT1130
2.5MHz 400mA Step-Down DC/DC Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201977B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Absolute Maximum Ratings1
Symbol
Description
Value
Units
VVCC, VVP
VCC, VP to GND
6.0
V
VLX
LX Voltage to GND
-0.3 to VVCC\VVP +0.3
V
VFB
FB Voltage to GND
-0.3 to VVCC\VVP +0.3
V
VEN
EN Voltage to GND
-0.3 to VVCC\VVP +0.3
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Thermal Information
Symbol
Description
Value
Units
PD
Maximum Power Dissipation
625
mW
JA
Thermal Resistance2
160
°C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a FR4 board.


Similar Part No. - AAT1130IJQ-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1130IJQ-0.6 ANALOGICTECH-AAT1130IJQ-0.6 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
More results

Similar Description - AAT1130IJQ-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
AAT2510 ANALOGICTECH-AAT2510_06 Datasheet
744Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
Skyworks Solutions Inc.
AAT2510 SKYWORKS-AAT2510 Datasheet
1Mb / 19P
   Dual 400mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
Richtek Technology Corp...
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
logo
ELM Technology Corporat...
ELM601BA ELM-TECH-ELM601BA Datasheet
1Mb / 7P
   ELM601BA 1.5A 2.5MHz high efficiency synchronous PWM step-down DC/DC converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com