Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV850M2-A2 Datasheet(PDF) 4 Page - Alpha Industries

Part # AV850M2-A2
Description  18-40 GHz Surface Mount Voltage Variable Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AV850M2-A2 Datasheet(HTML) 4 Page - Alpha Industries

  AV850M2-A2 Datasheet HTML 1Page - Alpha Industries AV850M2-A2 Datasheet HTML 2Page - Alpha Industries AV850M2-A2 Datasheet HTML 3Page - Alpha Industries AV850M2-A2 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
18–40 GHz Surface Mount Voltage Variable Attenuator
AV850M2-A2
4
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/00A
“Alpha Two” Surface Mount Package
Handling and Mounting
Millimeterwave components require careful mounting
design to maintain optimal performance. The Alpha Two
surface mount package (patent pending) provides a
rugged and repeatable electrical connection using
standard solder techniques.
Handling
The Alpha Two surface mount package is very rugged.
However, due to ceramic’s brittle nature, one should
exercise care when handling with metal tools. Do not apply
heavy pressure to the lid. Vacuum tools may be used to
pick and place this part.
Only personnel trained in both ESD precautions and
handling precautions should be allowed to handle these
packages.
Package Construction
The Alpha Two surface mount package consists of a base
and a lid. The package base is ceramic with filled vias and
plated castellations. The package lid is unplated alumina.
The lid seal is epoxy.
Mounting Design
The Alpha Two surface mount package is installed on top
of a printed circuit board on a specially designed footprint.
Mounting footprint geometry will be supplied by Alpha
Industries in electronic formats or paper drawing.
Mounting the Package
The Alpha Two surface mount package is compatible with
high-volume surface mount installation using solder. RF
and DC connections are accomplished with metallized
edge castellations that hold solder fillets. Ground
connections are accomplished by both metallized edge
castellations and filled vias to the bottom of the package.
Care should be taken to ensure that there are no voids
or gaps in the solder so that a good RF, DC, and ground
contact is maintained.
Alpha Two Surface Mount Package Installation
Printed Ccircuit Board
Rogers 4003
0.008" (0.20 mm) Thick
Electrically & Thermally
Conductive Ground Plane
RF In
RF Out
DC Lines
Solder Fillets
Footprint Geometry for Alpha Two
Surface Mount Package
RF In
RF Out
DC Connections
DC Connections
64 Via Holes


Similar Part No. - AV850M2-A2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
   18-40 GHz GaAs MMIC Voltage Variable Attenuator
More results

Similar Description - AV850M2-A2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD172 QORVO-CMD172 Datasheet
321Kb / 10P
   18-40 GHz Voltage ??Variable Attenuator
May 21, 2021
logo
Custom MMIC Design Serv...
CMD172 MMIC-CMD172 Datasheet
289Kb / 10P
   18-40 GHz Voltage-Variable Attenuator
logo
Alpha Industries
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
   18-40 GHz GaAs MMIC Voltage Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6640 AVAGO-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMP-6640 BOARDCOM-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
logo
Alpha Industries
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
   18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC346LC3B HITTITE-HMC346LC3B Datasheet
242Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Analog Devices
HMC985ALP4KE AD-HMC985ALP4KE Datasheet
2Mb / 4P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 10 - 40 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com