Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMK063BJ474MP Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK063BJ474MP
Description  Notice for TAIYO YUDEN products Please read this notice before using the TAIYO YUDEN products.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK063BJ474MP Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  AMK063BJ474MP Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc AMK063BJ474MP Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
5
12
mlcc01_e-01
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
AVAILABLE CAPACITANCE RANGE
Temp.char.Code
Temperature characteristics
Capacitance tolerance
〔%〕
Applicable standard
Temperature range〔℃〕
Ref. Temp.〔℃〕
Capacitance change〔%〕
BJ
JIS
B
-25~+85
20
±10
±10(K)
±20(M)
EIA
X5R
-55~+85
25
±15
B7
EIA
X7R
-55~+125
25
±15
F
JIS
F
-25~+85
20
+30/-80
+80  
-20
(Z)
EIA
Y5V
-30~+85
25
+22/-82
Low Profile Multilayer Ceramic Capacitors
Cap
〔μF〕
Type
107
212
316
325
B/X5R
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
B/X5R
VDC 25 16 10 6.3 50 25 16 10 50 25 16 10 6.3 50 10 6.3 50 25 10 50 25 16 10 6.3 35 25 16 10 6.3 25 16 10
〔3-digit〕
0.1
104
D
0.22 224
D
D
0.33 334
0.47
474
D
D
D
0.68 684
1
105 K K K K D
D D D D D D
D D
2.2
225
K K
D D D
D D D
D
D
D D D
3.3
335
G
D
4.7
475
K K
D
D D D. K D.K
D
D
D D D D
D
6.8
685
G D
10
106
D D D.K
D
D D D D
D D D D
22
226
D
D D D
D D
D
47
476
D
D
Note:Letters in the table indicate product thickness. ■■ X5R only
Note:Letters in the table indicate product thickness. ■■ X5R only
Cap
〔μF〕
Type
107
212
316
325
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
VDC 50 25 16 10 6.3 50 35 25 16 10 6.3 4 50 25 16 10 50 35 25 16 10 6.3 50 25 16 10 6.3 50 16 10 6.3 50 25 16 10 6.3 50 25 16 10 6.3 4 35 25 16 10 50 25 16 10 6.3 50 35 25 16 10 6.3 16 10 6.3
〔3-digit〕
0.1
104
A
G
G
0.15
154
0.22
224 A
A A A
A A A
A
G
G
L
0.33 334
0.47
474 A A A A A A
A A A
A A
G
G
G
L
0.68 684
1
105 A A A A A A A A A A
A A G G G G G
G
G
L L
L
2.2
225
A
A A A A
A A G
G G G
G G G
G
L L L L
L L
N
3.3
335
N
N
4.7
475
A A A
G G G
G G G G
G
L L
L
L L L
M.N N N
M.N N N N
6.8
685
10
106
A A A
G G G
G G G G
G G
L L L L
L L L L
L L L
M M.N N N
M N M.N N N
22
226
A
G G
L
L L L
L
M M
M M.Y Y N N
47
476
G
L L
M M
M.Y M M.N
N
100
107
L L
M M.Y
Cap
[pF]
Type
042
063
105
X7R
B/X5R
X7R
B/X5R
X7R
B/X5R
F/Y5V
VDC
10 10 6.3 4 25 16 25 16 10 6.3 4 50 25 16 10 6.3 50 35 25 16 10 6.3 4 50 25 16 10 6.3
〔3-digit〕
100
101
C
C
P
P
150
151
C
C
P
P
220
221
C
C
P
P
V
V
330
331
C
C
P
P
V
V
470
471
C
C
P
P
V
V
680
681
C
C
P
P
V
V
1000
102
C
C
P
P
V
V
1500
152
C
C
P
P
P
V
V
V
2200
222
C
C
P
P
P
V
V
V
3300
332
C
C
P
P
P
V
V
V
4700
472
C
C
P
P
P
V
V
V
6800
682
C
C
P
P
P
V
V
V
10000
103
C
C
P
P
P
V
V
V
V
15000
153
V
V
22000
223
C
P
P
V
V
V
V
V
33000
333
P
P
V
V
47000
473
C
P
P
V
V
V
V
V
68000
683
P
P
V
100000
104
C
P
P
P
V
V
V
V
V
V
V
220000
224
P
P
P
V
V
V
V
V
V
V
V
330000
334
P
470000
474
P
V
V
V
V
1000000
105
P
V
V
V
V
V
2200000
225
V
V
3300000
335
V
4700000
475
V
V
Note:Letters in the table indicate product thickness. ■■ X5R only
Cap
[pF]
Type
105
B/X5R
VDC
25 16 10 6.3
〔3-digit〕
100
101
150
151
220
221
330
331
470
471
680
681
1000
102
1500
152
2200
222
3300
332
4700
472
6800
682
10000
103
P
15000
153
22000
223
33000
333
47000
473
68000
683
100000
104
P
C
220000
224
P
C
330000
334
470000
474
P
P
C
1000000
105
P
2200000
225
3300000
335
4700000
475
Multilayer Ceramic Capacitors 


Similar Part No. - AMK063BJ474MP

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AMK063BJ474MP-F TAIYO-YUDEN-AMK063BJ474MP-F Datasheet
2Mb / 27P
   Please read this notice before using the TAIYO YUDEN products.
AMK063BJ474MP-F TAIYO-YUDEN-AMK063BJ474MP-F_14 Datasheet
311Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - AMK063BJ474MP

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com