Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1121 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # AAT1121
Description  1.5MHz, 250mA Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1121 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button AAT1121 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 14Page - Skyworks Solutions Inc. AAT1121 Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AAT1121
1.5MHz, 250mA Step-Down Converter
DATA SHEET
11
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201974B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 15, 2013
Output Voltage (V)
L1 (μH)
1.0
1.5
1.2
2.2
1.5
2.7
1.8
3.0
2.5
3.9
3.0
4.7
3.3
5.6
Table 1: Inductor Values.
The 3.0μH CDRH2D09 series inductor selected from
Sumida has a 150m DCR and a 470mA DC current rat-
ing. At full load, the inductor DC loss is 9.375mW which
gives a 2.08% loss in efficiency for a 250mA, 1.8V out-
put.
Input Capacitor
Select a 4.7μF to 10μF X7R or X5R ceramic capacitor for
the input. To estimate the required input capacitor size,
determine the acceptable input ripple level (VPP) and solve
for CIN. The calculated value varies with input voltage and
is a maximum when VIN is double the output voltage.
⎛⎞
· 1 -
⎝⎠
VO
VIN
CIN =
VO
VIN
⎛⎞
- ESR
·
FS
⎝⎠
VPP
IO
⎛⎞
· 1 -
=
for VIN = 2 × VO
⎝⎠
VO
VIN
VO
VIN
1
4
CIN(MIN) =
1
⎛⎞
- ESR
·
4 · FS
⎝⎠
VPP
IO
Always examine the ceramic capacitor DC voltage coef-
ficient characteristics when selecting the proper value.
For example, the capacitance of a 10μF, 6.3V, X5R ceram-
ic capacitor with 5.0V DC applied is actually about 6μF.
The maximum input capacitor RMS current is:
⎛⎞
IRMS = IO ·
· 1 -
⎝⎠
VO
VIN
VO
VIN
The input capacitor RMS ripple current varies with the
input and output voltage and will always be less than or
equal to half of the total DC load current.
⎛⎞
· 1 -
= D · (1 - D) =
0.52 =
⎝⎠
VO
VIN
VO
VIN
1
2
for VIN = 2 x VO
IO
RMS(MAX)
I
2
=
The term
⎛⎞
· 1 -
⎝⎠
VO
VIN
VO
VIN
appears in both the input voltage
ripple and input capacitor RMS current equations and is
a maximum when VO is twice VIN. This is why the input
voltage ripple and the input capacitor RMS current ripple
are a maximum at 50% duty cycle.
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the AAT1121. Low
ESR/ESL X7R and X5R ceramic capacitors are ideal for
this function. To minimize stray inductance, the capacitor
should be placed as closely as possible to the IC. This
keeps the high frequency content of the input current
localized, minimizing EMI and input voltage ripple.
The proper placement of the input capacitor (C1) can be
seen in the evaluation board layout in Figure 2.
A laboratory test set-up typically consists of two long
wires running from the bench power supply to the evalu-
ation board input voltage pins. The inductance of these
wires, along with the low-ESR ceramic input capacitor,
can create a high Q network that may affect converter
performance. This problem often becomes apparent in
the form of excessive ringing in the output voltage dur-
ing load transients. Errors in the loop phase and gain
measurements can also result.
Since the inductance of a short PCB trace feeding the
input voltage is significantly lower than the power leads
from the bench power supply, most applications do not
exhibit this problem.
In applications where the input power source lead induc-
tance cannot be reduced to a level that does not affect
the converter performance, a high ESR tantalum or alu-
minum electrolytic should be placed in parallel with the
low ESR, ESL bypass ceramic. This dampens the high Q
network and stabilizes the system.


Similar Part No. - AAT1121

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1121 ANALOGICTECH-AAT1121 Datasheet
777Kb / 20P
   1.5MHz, 250mA Step-Down Converter
AAT1121 ANALOGICTECH-AAT1121 Datasheet
544Kb / 20P
   1.5MHz, 250mA Step-Down Converter
AAT1121IES-0.6-T1 ANALOGICTECH-AAT1121IES-0.6-T1 Datasheet
544Kb / 20P
   1.5MHz, 250mA Step-Down Converter
AAT1121IPS-0.6-T1 ANALOGICTECH-AAT1121IPS-0.6-T1 Datasheet
777Kb / 20P
   1.5MHz, 250mA Step-Down Converter
AAT1121IPS-0.6-T1 ANALOGICTECH-AAT1121IPS-0.6-T1 Datasheet
544Kb / 20P
   1.5MHz, 250mA Step-Down Converter
More results

Similar Description - AAT1121

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1121 ANALOGICTECH-AAT1121_07 Datasheet
544Kb / 20P
   1.5MHz, 250mA Step-Down Converter
AAT1121 ANALOGICTECH-AAT1121 Datasheet
777Kb / 20P
   1.5MHz, 250mA Step-Down Converter
logo
Lowpower Semiconductor ...
LP3220 POWER-LP3220 Datasheet
920Kb / 12P
   1.5MHz, 1.0A Step-Down Converter
LP3220S POWER-LP3220S Datasheet
862Kb / 10P
   1.5MHz, 1.0A Step-Down Converter
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
   1.5MHz, 1A Step-Down Converter
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
   1.5MHz, 1.5A Step-Down Converter
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
   1.5MHz, 1.5A Step-Down Converter
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
   1.5MHz, 2A Step-Down Converter
logo
ACE Technology Co., LTD...
ACE721E ACE-ACE721E Datasheet
823Kb / 10P
   1A, 1.5MHz Step-Down Converter
VER 1.3
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com