Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2040C Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 2040C
Description  Industrial VRS Magnetic Speed Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

2040C Datasheet(HTML) 2 Page - Honeywell Accelerometers

  2040C Datasheet HTML 1Page - Honeywell Accelerometers 2040C Datasheet HTML 2Page - Honeywell Accelerometers 2040C Datasheet HTML 3Page - Honeywell Accelerometers 2040C Datasheet HTML 4Page - Honeywell Accelerometers 2040C Datasheet HTML 5Page - Honeywell Accelerometers 2040C Datasheet HTML 6Page - Honeywell Accelerometers 2040C Datasheet HTML 7Page - Honeywell Accelerometers 2040C Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Cost Molded
2
www.honeywell.com/sensing
0.505 INCH SENSORS (All dimensions for reference only. mm/[in])
Catalog Listing: 2040C (For 230
ºC [450 ºF] capability, order 2040CHT.)
General Specifications
Test Condition Specifications
Parameter
Characteristic
Parameter
Characteristic
Parameter
Characteristic
Min. output voltage
115 Vp-p
Inductance
85 mH max.
Surface speed
25 m/s [1000 in/s]
Max. coil resistance 120 Ohm
to 162 Ohm
Gear pitch range 12 DP (module 2.11)
or coarser
Gear
8 DP (module 3.17)
Pole piece
diameter
4,75 mm
[0.187 in]
Operating temp.
range
-55
ºC to 120 ºC
[-67
ºF to 250 ºF]
Air gap
0,127 mm [0.005 in]
Weight
28 g [1.0 oz]
Termination
Crimp terminals
Load resistance
100 kOhm
Catalog Listing: 2030C
General Specifications
Test Condition Specifications
Parameter
Characteristic
Parameter
Characteristic
Parameter
Characteristic
Min. output voltage
190 Vp-p
Inductance
400 mH max.
Surface speed
25 m/s [1000 in/s]
Max. coil resistance 910 Ohm to
1200 Ohm
Gear pitch range 24 DP (module 1.06)
or coarser
Gear
20 DP (module 1.27)
Pole piece diameter 2.69 mm [0.106 in] Operating temp.
range
-55
ºC to 120 ºC
[-67
ºF to 250 ºF]
Air gap
0,127 mm [0.005 in]
Weight
28 g [1.0 oz]
Termination
Crimp terminals
Load resistance
100 kOhm


Similar Part No. - 2040C

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2040C HONEYWELL-ACC-2040C Datasheet
410Kb / 8P
   Industrial VRS Magnetic Speed Sensors
More results

Similar Description - 2040C

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
3090A HONEYWELL-3090A Datasheet
253Kb / 8P
   Industrial VRS Magnetic Speed Sensors
3080 HONEYWELL-3080 Datasheet
161Kb / 8P
   Industrial VRS Magnetic Speed Sensors
logo
Honeywell Accelerometer...
2015C HONEYWELL-ACC-2015C Datasheet
410Kb / 8P
   Industrial VRS Magnetic Speed Sensors
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
   Proximity Magnetic sensors Level Magnetic Sensors
logo
Balluff Korea Ltd.
BMF00N3 BALLUFF-BMF00N3 Datasheet
152Kb / 4P
   Magnetic Sensors
BMF00NM BALLUFF-BMF00NM Datasheet
158Kb / 4P
   Magnetic Sensors
BMP0010 BALLUFF-BMP0010 Datasheet
120Kb / 2P
   Magnetic Sensors
logo
Carlo Gavazzi Holding A...
SMS10 CARLOGAVAZZI-SMS10 Datasheet
153Kb / 2P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
SMS03 CARLOGAVAZZI-SMS03 Datasheet
244Kb / 4P
   Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
logo
Balluff Korea Ltd.
BMF00N9 BALLUFF-BMF00N9 Datasheet
157Kb / 4P
   Magnetic Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com