Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603F063 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0603F063
Description  Fast Acting Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603F063 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0603F063 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603F063 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603F063 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603F063 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Portable memory
LCD monitors
Disk drives
PDAs
Digital cameras
DVDs
Cell phones
Rechargeable battery packs
Battery chargers
Set top boxes
Industrial controllers
SF-0603F Series - Fast Acting Surface Mount Fuses
Solder Reflow Recommendations
Peak: 250 +0/-5 °C
230 °C or higher
PRE-HEATING ZONE
SOLDERING ZONE
HEATING TIME
180 °C
250
200
150
100
50
150 °C
90 ± 30 Seconds
30 ± 10 Seconds
PEAK: 250 +0/-5 °C, 5 seconds
PRE-HEATING ZONE: 150 to 180 °C, 90 ± 30 seconds
SOLDERING ZONE: 230 °C or higher, 30 ± 10 seconds
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Thermal Derating Curve
120
110
100
90
80
-20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
120
Construction & Material Content
OVERCOAT
Sn PLATING
CERAMIC SUBSTRATE
FUSE ELEMENT
Cu / Ni PLATING
PACKAGING: 5,000 pcs./reel
1.6 ± 0.1
(.063 ± .004)
0.3 ± 0.2
(.012 ± .008)
0.3 ± 0.2
(.012 ± .008)
0.8 ± 0.1
(.031 ± .004)
0.35 ± 0.2
(.014 ± .008)
0.35 ± 0.2
(.014 ± .008)
0.45 ± 0.1
(.018 ± .004)
1.09
(.043)
2.54
(.010)
1.02
(.040)
SinglFuseSF-0603F Series Applications
Operating Temperature..................................................................................-40 °C to +105 °C
Storage Conditions
Temperature ................................................................................................+5 °C to +35 °C
Humidity...........................................................................................................40 % to 75 %
Shelf Life........................................................................... 2 years from manufacturing date
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - SF-0603F063

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603F063 BOURNS-SF-0603F063 Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603F063 BOURNS-SF-0603F063 Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F063 BOURNS-SF-0603F063 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F063 BOURNS-SF-0603F063 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F063 BOURNS-SF-0603F063 Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
More results

Similar Description - SF-0603F063

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
logo
List of Unclassifed Man...
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
   1206 Fast Acting Surface Mount Fuses
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
logo
List of Unclassifed Man...
F0402FA0500V024T ETC2-F0402FA0500V024T Datasheet
97Kb / 4P
   0402 Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com