Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK063BJ331P Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK063BJ331P
Description  Notice for TAIYO YUDEN products Please read this notice before using the TAIYO YUDEN products.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK063BJ331P Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  TMK063BJ331P Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ331P Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
4
12
mlcc01_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Improved higher density mounting.(042 to 105 type)
Monolithic structure provides higher reliability.
A wide range of capacitance values available in standard case sizes.
The use of nickel as electrode material and plating processing im-
prove the solderability and heat resistance characteristics. It also
prevents migration and raises the level of reliability.
Low equivalent series resistance(ESR) provides superior noise ab-
sorption characteristics.
Compared to tantalum or aluminum electrolytic capacitors, multilayer
ceramic capacitors offer a number of superior features, including:
Higher permissible ripple current values
Smaller case sizes with high rated voltage
Improved reliability due to higher insulation resistance and breakdown voltage.
Communication equipment
(cellular phone, wireless applications, etc.)
General digital circuit
Power supply bypass capacitors
Liquid crystal modules
Liquid crystal drive voltage lines
LSI, IC, converters(both for input and output)
Smoothing capacitors
DC-DC converters (for both input and output)
Switching power supplies (secondary side)
HIGH VALUE MULTILAYER CERAMIC CAPACITORS(HIGH DIELECTRIC TYPE)
REFLOW
WAVE
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK042
(01005 inch)
0.4±0.02
0.2±0.02
0.2±0.02
C
0.1±0.03
40000
□MK063
(0201 inch)
0.6±0.03
0.3±0.03
0.3±0.03
P
0.15±0.05
15000
□MK105
(0402 inch)
1.0±0.05
0.5±0.05
0.2±0.02
C
0.25±0.10
20000
0.3±0.03
P
15000
0.5±0.05
V
10000
□MK107
(0603 inch)
1.6±0.10
0.8±0.10
0.45±0.05
K
0.35±0.25
4000
0.8±0.10
A
□MK212
(0805 inch)
2.0±0.10
1.25±0.10
0.45±0.05
K
0.5±0.25
4000
0.85±0.10
D
1.25±0.10
G
3000
□MK316
(1206 inch)
3.2±0.15
1.6±0.15
0.85±0.10
D
0.5+0.35/-0.25
4000
1.25±0.10
G
3000
1.6±0.20
L
2000
□MK325
(1210 inch)
3.2±0.30
2.5±0.20
0.85±0.10
D
0.6±0.3
2000
1.9±0.20
N
1.9+0.1/-0.2
Y
2.5±0.20
M
500(T),1000(P)
Series name
M
End
termination
K
Plated
Rated
voltage
〔VDC〕
A
4
J
6.3
L
10
E
16
T
25
G
35
U
50
Packaging
F
φ178mm Taping
(2mm pitch)
W
φ178mm Taping
(1mm pitch, 042
Type)
T
φ178mm Taping
(4mm pitch)
All types
P
φ178mm Taping
(4mm pitch,
1000pcs/reel)
1210Type 
Thickness:M
Internal code
△ Standard
△=Blank space
Special
code
- Standard
Thickness
〔mm〕
C
0.2
P
0.3
V
0.5
K
0.45
A
0.8
D
0.85
G
1.25
L
1.6
N
1.9
Y 2.0max
M
2.5
Nominal
capacitance〔pF〕
example
473
47,000
105 1,000,000
Capacitance
tolerance
K
±10%
M
±20%
Z
+80
-20%
Temperature
characteristics code
BJ
B
X5R
B7
X7R
△F
F
Y5V
△=Blank space
Dimension
Type
(inch) L×W[mm]
042 (01005) 0.4×0.2
063
(0201) 0.6×0.3
105
(0402) 1.0×0.5
107
(0603) 1.6×0.8
212
(0805) 2.0×1.25
316
(1206) 3.2×1.6
325
(1210) 3.2×2.5
J M K 3 1 6 △ B J 1 0 6 M L - T △
Dimension tolerance[mm]
Code
Type
L
W
T
ALL
Standard
Standard
Standard
A
063
0.6±0.05
0.3±0.05
0.3±0.05
105
1.0±0.1
0.5±0.1
0.5±0.1
107
1.6+0.15/-0.05 0.8+0.15/-0.05 0.8+0.15/-0.05
212
2.0+0.15/-0.05 1.25+0.15/-0.05
0.45±0.05
0.85±0.1
1.25+0.15/-0.05
316
3.2±0.2
1.6±0.2
0.85±0.1
1.6±0.2
325
3.2±0.3
2.5±0.3
2.5±0.3
B
105
1.0+0.15/-0.05 0.5+0.15/-0.05 0.5+0.15/-0.05
107
1.6+0.2/-0
0.8+0.2/-0
0.45±0.05
0.8+0.2/-0
212
2.0+0.2/-0
1.25+0.2/-0
0.85±0.1
1.25+0.2/-0
△=Blank space


Similar Part No. - TMK063BJ331P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK063BJ332KP-F TAIYO-YUDEN-TMK063BJ332KP-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ332MP-F TAIYO-YUDEN-TMK063BJ332MP-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ332P-F TAIYO-YUDEN-TMK063BJ332P-F Datasheet
2Mb / 27P
   Please read this notice before using the TAIYO YUDEN products.
TMK063BJ332P-F TAIYO-YUDEN-TMK063BJ332P-F Datasheet
805Kb / 28P
   Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - TMK063BJ331P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com