Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK063BJ221P Datasheet(PDF) 7 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMK063BJ221P
Description  Notice for TAIYO YUDEN products Please read this notice before using the TAIYO YUDEN products.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMK063BJ221P Datasheet(HTML) 7 Page - Taiyo Yuden (U.S.A.), Inc

Back Button TMK063BJ221P Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc TMK063BJ221P Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
9
12
mlcc01_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
107TYPE
【Temperature Characteristic BJ:B/X5R】
・0.8mm thickness(A)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK107 BJ474□A
UMK107ABJ474□A
X5R
0.47
±10, ±20
10
0.8+0.15/-0.05
R
150%
D
UMK107 BJ105□A
X5R
1
±10, ±20
10
0.8±0.1
R
150%
35V
GMK107 BJ105□A
B/X5R
1
±10, ±20
5
0.8±0.1
R
150%
25V
TMK107 BJ224□A
B/X5R
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
TMK107 BJ474□A
B/X5R
0.47
±10, ±20
3.5
0.8±0.1
R
150%
TMK107 BJ105□A
B/X5R
1
±10, ±20
5
0.8±0.1
R
150%
TMK107 BJ225□A
TMK107ABJ225□A
X5R
2.2
±10, ±20
10
0.8+0.15/-0.05
R
150%
D
16V
EMK107 BJ224□A
B/X5R*1
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
EMK107 BJ474□A
B/X5R*1
0.47
±10, ±20
3.5
0.8±0.1
R
200%
EMK107 BJ105□A
B/X5R*1
1
±10, ±20
5
0.8±0.1
R
150%
EMK107 BJ225□A
B/X5R
2.2
±10, ±20
10
0.8±0.1
R
150%
EMK107 BJ475□A
EMK107ABJ475□A
X5R
4.7
±10, ±20
10
0.8+0.15/-0.05
R
150%
D
10V
LMK107 BJ224□A
B/X5R*1
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
LMK107 BJ474□A
B/X5R*1
0.47
±10, ±20
3.5
0.8±0.1
R
200%
LMK107 BJ105□A
B/X5R*1
1
±10, ±20
5
0.8±0.1
R
200%
LMK107 BJ225□A
B/X5R
2.2
±10, ±20
10
0.8±0.1
R
150%
LMK107 BJ475□A
X5R
4.7
±10, ±20
10
0.8±0.1
R
150%
LMK107 BJ106MA
LMK107BBJ106MA
X5R
10
±20
10
0.8+0.2/-0
R
150%
D
Special code:L
6.3V
JMK107 BJ225□A
B/X5R
2.2
±10, ±20
10
0.8±0.1
R
150%
JMK107 BJ475□A
X5R
4.7
±10, ±20
10
0.8±0.1
R
150%
JMK107 BJ106MA
JMK107ABJ106MA
X5R
10
±20
10
0.8+0.15/-0.05
R
150%
4V
AMK107 BJ106MA
X5R
10
±20
10
0.8±0.1
R
150%
AMK107 BJ226MA
AMK107BBJ226MA
X5R
22
±20
10
0.8+0.2/-0
R
150%
・0.45mm thickness(K)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
25V
TMK107 BJ105□K
X5R
1
±10, ±20
10
0.45±0.05
R
150%
16V
EMK107 BJ105□K
X5R
1
±10, ±20
10
0.45±0.05
R
150%
10V
LMK107 BJ105□K
B/X5R
1
±10, ±20
10
0.45±0.05
R
150%
LMK107 BJ225□K
X5R
2.2
±10, ±20
10
0.45±0.05
R
150%
LMK107 BJ475MK
LMK107BBJ475MK
X5R
4.7
±20
10
0.45±0.05
R
150%
D
Special code:L
6.3V
JMK107 BJ105□K
B/X5R
1
±10, ±20
10
0.45±0.05
R
150%
JMK107 BJ225□K
X5R
2.2
±10, ±20
10
0.45±0.05
R
150%
JMK107 BJ475MK
X5R
4.7
±20
10
0.45±0.05
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.
【Temperature Characteristic B7:X7R】
・0.8mm thickness(A)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK107 B7224□A
X7R
0.22
±10, ±20
10
0.8±0.1
R
150%
R
UMK107 B7474□A
X7R
0.47
±10, ±20
10
0.8±0.1
R
150%
R
UMK107AB7105□A
X7R
1
±10, ±20
10
0.8+0.15/-0.05
R
150%
25V
TMK107 B7474□A
X7R
0.47
±10, ±20
10
0.8±0.1
R
150%
R
TMK107 B7105□A
X7R
1
±10, ±20
10
0.8±0.1
R
150%
16V
EMK107 B7224□A
X7R
0.22
±10, ±20
3.5
0.8±0.1
R/W
150%
EMK107 B7474□A
X7R
0.47
±10, ±20
3.5
0.8±0.1
R
150%
EMK107 B7105□A
X7R
1
±10, ±20
5
0.8±0.1
R
150%
10V
LMK107 B7224□A
X7R
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
LMK107 B7474□A
X7R
0.47
±10, ±20
3.5
0.8±0.1
R
200%
LMK107 B7105□A
X7R
1
±10, ±20
5
0.8±0.1
R
150%
LMK107 B7225□A
X7R
2.2
±10, ±20
10
0.8±0.1
R
150%
6.3V
JMK107 B7224□A
X7R
0.22
±10, ±20
3.5
0.8±0.1
R/W
200%
JMK107 B7474□A
X7R
0.47
±10, ±20
3.5
0.8±0.1
R
200%
JMK107 B7105□A
X7R
1
±10, ±20
5
0.8±0.1
R
150%
Capacitance tolerance code is applied to □ of part number.


Similar Part No. - TMK063BJ221P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK063BJ222KP-F TAIYO-YUDEN-TMK063BJ222KP-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ222MP-F TAIYO-YUDEN-TMK063BJ222MP-F Datasheet
288Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ222P-F TAIYO-YUDEN-TMK063BJ222P-F Datasheet
2Mb / 27P
   Please read this notice before using the TAIYO YUDEN products.
TMK063BJ222P-F TAIYO-YUDEN-TMK063BJ222P-F Datasheet
805Kb / 28P
   Multilayer Ceramic Capacitors (High dielectric type)
TMK063BJ223KP-F TAIYO-YUDEN-TMK063BJ223KP-F Datasheet
143Kb / 1P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - TMK063BJ221P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com