Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24PCEEA6D Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 24PCEEA6D
Description  Interactive Catalog Supplements Catalog PDFs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

24PCEEA6D Datasheet(HTML) 2 Page - Honeywell Accelerometers

  24PCEEA6D Datasheet HTML 1Page - Honeywell Accelerometers 24PCEEA6D Datasheet HTML 2Page - Honeywell Accelerometers 24PCEEA6D Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pressure Sensors
24PC Series
Gage and Differential/Unamplified-Noncompensated
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
11
Basic Sensors
FEATURES
Miniature package
Variety of gage pressure port config-
urations - easily and quickly modified
for your special needs
Operable after exposure to frozen
conditions
Ideal for wet/wet differential
applications
Choice of termination for gage sensors
2 mA constant current excitation signif-
icantly reduces sensitivity shift over
temperature*
Can be used to measure vacuum or
positive pressure
24PC SERIES PERFORMANCE CHARACTERISTICS at 10.0 ±0.01 VDC
Excitation, 25°C
Min.
Typ.
Max.
Units
Excitation
---
10
12
VDC
Null Offset
−30
0
+30
mV
Null Shift, 25° to 0°, 25° to 50°C
---
±2.0
---
mV
Linearity, P2 > P1, BFSL
---
±0.25
±1.0
%Span
Span Shift, 25° to 0°, 25° to 50°C
---
±5.0*
---
%Span
Repeatability & Hysteresis
---
±0.15
---
%Span
Response Time
---
---
1.0
msec
Input Resistance
4.0 K
5.0 K
6.0 K
ohms
Output Resistance
4.0 K
5.0 K
6.0 K
ohms
Stability over One Year
---
±0.5
---
%Span
Weight
---
2
---
grams
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
−40° to +85°C (−40° to +185°F)
Storage Temperature
−55° to +100°C (−67° to +212°F)
Shock
Qualification tested to 150 g
Vibration
Qualification tested to 0 to 2 kHz, 20 g sine
Media (P1 & P2)
Limited only to those media which will not attack
polyetherimide, silicon, fluorosilicone, silicone,
EPDM and neoprene seals.
24PC SERIES ORDER GUIDE
Span, mV
Catalog
Listing
Pressure
Range
psi
Min.
Typ.
Max.
Sensitivity
mV/psi
Typ.
Overpressure
psi Max.
24PCE Type
0.5
24
35
46
70
20
24PCA Type
1.0
30
45
60
45
20
24PCB Type
5.0
85
115
145
23
20
24PCC Type
15
165
225
285
15
45
24PCD Type
30
240
330
420
11
60
24PCF Type
100
156
225
294
2.25
200
24PCG Type
250
145
212
280
0.85
500
*Non-compensated pressure sensors, excited by constant current instead of
voltage, exhibit temperature compensation of Span. Application Note #1
briefly discusses current excitation.
Constant current excitation has an additional benefit of temperature mea-
surement. When driven by a constant current source, a silicon pressure
sensor’s terminal voltage will rise with increased temperature. The rise in
voltage not only compensates the Span, but is also an indication of die
temperature.
Constant Current Excitation Schematic


Similar Part No. - 24PCEEA6D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
24PCEEA6D HONEYWELL-ACC-24PCEEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCEEA6D HONEYWELL-ACC-24PCEEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCEEA6D HONEYWELL-ACC-24PCEEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCEEA6D HONEYWELL-ACC-24PCEEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCEEA6D HONEYWELL-ACC-24PCEEA6D Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 24PCEEA6D

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
AML21EBA2AA HONEYWELL-ACC-AML21EBA2AA Datasheet
704Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com