Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24PCAEA6D Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # 24PCAEA6D
Description  Interactive Catalog Replaces Catalog Pages
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

24PCAEA6D Datasheet(HTML) 3 Page - Honeywell Accelerometers

  24PCAEA6D Datasheet HTML 1Page - Honeywell Accelerometers 24PCAEA6D Datasheet HTML 2Page - Honeywell Accelerometers 24PCAEA6D Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pressure Sensors
26PC Series
Gage Unamplified Compensated Flow-Through
24
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
SENSOR SELECTION GUIDE
26
PC
A
F*
N
5
G
Product
Circuit
Pressure
Pressure
Type of
Port
Termination
Pressure
Family
Type
Transducer
Range
Seal
Type
Style
Measurement
2 20PC
Family
6 Compen-
sated,
Calibrated
A 1 psi
B 5 psi
C 15 psi
D 30 psi
F 100 psi
J 38 psi
K 38 psi
(passivated)
E EPDM
F Fluoro-
silicone
N Neoprene
S Silicone
G Small
N Large
(.350 dia.)
P Large
(.315 dia.)
2 4-pin DIP
5 Wire
harness
6 4-pin SIP
G Gage
Example: 26PCBFG5G
Compensated, calibrated 5 psi sensor, fluorosilicone seal, small flow-through ports, wire harness, and gage pressure measurements.
*Other media seal materials may be available.
Note: Not all combinations are established. Contact 800 number before final design.
See Accessory Guide, page 27.


Similar Part No. - 24PCAEA6D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
24PCAEA6D HONEYWELL-ACC-24PCAEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCAEA6D HONEYWELL-ACC-24PCAEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCAEA6D HONEYWELL-ACC-24PCAEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
24PCAEA6D HONEYWELL-ACC-24PCAEA6D Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
24PCAEA6D HONEYWELL-ACC-24PCAEA6D Datasheet
199Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 24PCAEA6D

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com