Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS15-058C-SH Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PTVS15-058C-SH
Description  PTVS15-xxxC-SH Series High Current TVS Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTVS15-058C-SH Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PTVS15-058C-SH Datasheet HTML 1Page - Bourns Electronic Solutions PTVS15-058C-SH Datasheet HTML 2Page - Bourns Electronic Solutions PTVS15-058C-SH Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
15 kA, 8/20 µs surge capability
Low clamping voltage under surge
Bidirectional TVS
Surface mount package
Excellent performance over temperature
UL Recognized
Applications
High power DC bus protection
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
PTVS15-xxxC-SH Series High Current TVS Diodes
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Rating
Symbol
Value
Unit
Repetitive Standoff Voltage
PTVS15-058C-SH
PTVS15-076C-SH
VWM
58
76
V
Peak Current Rating per 8/20 μs IEC 61000-4-5
IPPM
15
kA
Operating Junction Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TS
-55 to +150
°C
General Information
The PTVS15-xxxC-SH range of high current bidirectional TVS diodes
is designed for use in high power DC bus clamping applications. These
devices offer bidirectional port protection and are available with standoff
voltage ratings of 58 V and 76 V.
The devices are RoHS* compliant and UL Recognized. They also meet
IEC 61000-4-5 8/20 μs current surge requirements.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ID
Standby Current
VD = VWM
10
μA
V(BR) Breakdown Voltage
IBR = 10 mA
PTVS15-058C-SH
PTVS15-076C-SH
64
85
66
92
70
95
V
VC
Clamping Voltage (1)
IPP = 15 kA
PTVS15-058C-SH
PTVS15-076C-SH
110
150
V
V(BR) Temperature Coefficient
0.1
%/°C
C
Capacitance
F = 10 kHz,
Vd = 1 Vrms
PTVS15-058C-SH
PTVS15-076C-SH
12
9
nF
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
(1) VC measured at the time which is coincident with the peak surge current.
Agency Approval
Description
UL
File Number: E313168


Similar Part No. - PTVS15-058C-SH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS15-058C-SH BOURNS-PTVS15-058C-SH Datasheet
242Kb / 4P
   PTVS15-xxxC-SH Series High Current TVS Diodes
REV. 02/14
More results

Similar Description - PTVS15-058C-SH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTVS15-XXXC-SH BOURNS-PTVS15-XXXC-SH Datasheet
242Kb / 4P
   PTVS15-xxxC-SH Series High Current TVS Diodes
REV. 02/14
PTVS15-058C-TH BOURNS-PTVS15-058C-TH Datasheet
275Kb / 3P
   PTVS15-xxxC-TH Series High Current TVS Diodes
PTVS6-XXXC-SH BOURNS-PTVS6-XXXC-SH Datasheet
357Kb / 3P
   PTVS6-xxxC-SH Series High Current TVS Diodes
01/15
PTVS3-XXXC-SH BOURNS-PTVS3-XXXC-SH Datasheet
234Kb / 4P
   PTVS3-xxxC-SH Series High Current TVS Diodes
REV. 07/15
PTVS10-XXXC-SH BOURNS-PTVS10-XXXC-SH Datasheet
219Kb / 4P
   PTVS10-xxxC-SH Series High Current TVS Diodes
REV. 11/15
PTVS3 BOURNS-PTVS3 Datasheet
271Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS10-058C BOURNS-PTVS10-058C Datasheet
264Kb / 4P
   PTVS10-xxxC Series High Current TVS Diodes
PTVS6 BOURNS-PTVS6 Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
PTVS3-380C BOURNS-PTVS3-380C Datasheet
265Kb / 4P
   PTVS3-xxxC Series High Current TVS Diodes
PTVS6-380C BOURNS-PTVS6-380C Datasheet
265Kb / 4P
   PTVS6-xxxC Series High Current TVS Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com