Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19CPSIPA7L Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # 19CPSIPA7L
Description  Low Cost, Stainless Steel, Isolated Pressure Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

19CPSIPA7L Datasheet(HTML) 1 Page - Honeywell Accelerometers

  19CPSIPA7L Datasheet HTML 1Page - Honeywell Accelerometers 19CPSIPA7L Datasheet HTML 2Page - Honeywell Accelerometers 19CPSIPA7L Datasheet HTML 3Page - Honeywell Accelerometers 19CPSIPA7L Datasheet HTML 4Page - Honeywell Accelerometers 19CPSIPA7L Datasheet HTML 5Page - Honeywell Accelerometers 19CPSIPA7L Datasheet HTML 6Page - Honeywell Accelerometers 19CPSIPA7L Datasheet HTML 7Page - Honeywell Accelerometers 19CPSIPA7L Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
19 mm Series
Low Cost, Stainless Steel,
Isolated Pressure Sensors
DESCRIPTION
Honeywell’s stainless steel 19C, 19U, and 19 Vacuum Gage
Series sensors were developed for pressure applications that
involve measurement of hostile media in harsh environments
compatible with 316 stainless steel. The special Vacuum Gage
Series sensors are specifically designed for applications that
can be exposed to vacuum.
The 19C Series are calibrated and temperature compensated.
They are available for use with either a constant voltage or
current source.
They feature a variety of pressure connections to allow use in
a wide range of OEM (Original Equipment Manufacturer)
equipment. The 19U Series is uncompensated for applications
that use their own specialized circuit designs.
The 19C and 19U Series sensors are rugged and reliable
transducers for use in a wide variety of pressure sensing
applications where corrosive liquids or gases are monitored.
FEATURES
• Low cost
• Rugged, isolated stainless steel package
• Small size
• Reliable semiconductor technology
• Calibrated and temperature compensated
• Absolute and gage pressures
• Vacuum compatible, isolated sensors
• 0 psi to 3 psi to, 0 psi to 500 psi
POTENTIAL APPLICATIONS
• Industrial controls
• Process control systems
• Industrial automation and flow control
• Pressure calibrators


Similar Part No. - 19CPSIPA7L

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
19C003PG1K HONEYWELL-19C003PG1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
19C003PG1K/L HONEYWELL-19C003PG1K/L Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
19C003PG2K HONEYWELL-19C003PG2K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
19C003PG2K/L HONEYWELL-19C003PG2K/L Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
19C003PG3K HONEYWELL-19C003PG3K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
More results

Similar Description - 19CPSIPA7L

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
19C015PA7K HONEYWELL-19C015PA7K Datasheet
630Kb / 8P
   Low Cost, Stainless Steel,Isolated Pressure Sensors
19CXXXPA1K HONEYWELL-19CXXXPA1K Datasheet
1Mb / 8P
   Pressure Sensors Low-Cost, Stainless Steel, Isolated Sensors
13C5000PS4K HONEYWELL-13C5000PS4K Datasheet
873Kb / 8P
   Pressure Sensors Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
13C0500PS1L HONEYWELL-ACC-13C0500PS1L Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Solid State E...
13C5000PS5K HONEYWELL-13C5000PS5K Datasheet
873Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
13C0500PA1K HONEYWELL-13C0500PA1K Datasheet
879Kb / 8P
   Low-cost, Stainless Steel, Isolated Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com