Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20041DGT-GC-LF-Z Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP20041DGT-GC-LF-Z
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20041DGT-GC-LF-Z Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP20041DGT-GC-LF-Z Datasheet HTML 2Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 9Page - Monolithic Power Systems MP20041DGT-GC-LF-Z Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP20041-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20041 Rev. 1.0
www.MonolithicPower.com
6
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.5V, VOUT1=1.8V, VOUT2=2.5V, IOUT1=IOUT2=0mA, CIN=COUT1=COUT2=1uF, EN1=EN2=VIN, Typical
Value at TA = 25°C for Both Channel Enabled.
0
10
20
30
40
50
60
70
80
10
102
103 104
105 106
102
103
104
105
106
0
20
40
60
80
100
120
FREQUENCY(Hz)
FREQUENCY(Hz)
0
30
60
90
120
150
180
2.5
3
3.5
4
4.5
5
5.5
6
ILOAD=50mA
ILOAD=100mA
ILOAD=10mA
VEN
2V/div
VOUT
1V/div
EN Start Up Waveform
VIN=3.5V, IOUT1=IOUT2=50mA
10us/div
Power Supply Rejection
Ratio vs. Frequency
Channel-to-Channel
Isolation vs. Frequency
Quiescent Current vs.
Supply Voltage
VIN(V)
VOUT2
VOUT1
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-50 -30 -10 10 30 50 70 90
-0.25
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-50 -30 -10 10 30 50 70 90
Out1 Voltage Accuracy vs.
Temperature
Out2 Voltage Accuracy vs.
Temperature
IO=300mA
IO=0mA
IO=300mA
IO=0mA
Dropout Voltage vs.
Temperature
Quiescent Current vs.
Temperature
0
20
40
60
80
100
120
140
160
180
200
-50 -30 -10 10 30 50 70 90
0
50
100
150
200
250
300
-50 -30 -10 10 30 50 70 90
VOUT2 dropout
VOUT1 dropout
Out Voltage Accuracy vs.
Output Current
OUTPUT CURRENT(mA)


Similar Part No. - MP20041DGT-GC-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-DD-LF-Z MPS-MP20042DG-DD-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-JG-LF-Z MPS-MP20042DG-JG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-MG-LF-Z MPS-MP20042DG-MG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
More results

Similar Description - MP20041DGT-GC-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
   Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com