Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20041DGT-GB-LF-Z Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP20041DGT-GB-LF-Z
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20041DGT-GB-LF-Z Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP20041DGT-GB-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 9Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 10Page - Monolithic Power Systems MP20041DGT-GB-LF-Z Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP20041-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20041 Rev. 1.0
www.MonolithicPower.com
8
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
BLOCK DIAGRAM
Figure1—Function Block Diagram
OPERATION
The MP20041 integrates two low noise, low
dropout, low quiescent current and high PSRR
linear regulators. It is intended for use in devices
that require very low voltage, low quiescent
current power such as wireless LAN, battery-
powered equipment and hand-held equipment.
The MP20041 uses internal PMOSs as the pass
elements and features internal thermal shutdown
and internal current limit circuits.
Dropout Voltage
Dropout voltage is the minimum input to output
differential voltage required for the regulator to
maintain an output voltage within 100mV of its
nominal value. Because the PMOS pass element
behaves as a low-value resistor, the dropout
voltage of MP20041 is very low.
Shutdown
The MP20041 can be switched ON or OFF by a
logic input at the EN pin. A high voltage at this
pin will turn the device on. When the EN pin is
low, the regulator output is off. The EN pin should
be tied to VIN to keep the regulator output always
on if the application does not require the
shutdown feature. Do not float the EN pin.
Current Limit
The MP20041 includes two independent current
limit structures which monitor and control each
PMOS’s gate voltage limiting the guaranteed
maximum output current to 300mA.
Thermal Protection
Thermal protection turns off the PMOS when the
junction temperature exceeds +140ºC, allowing
the IC to cool. When the IC’s junction
temperature drops by 10ºC, the PMOS will be
turned on again. Thermal protection limits total
power dissipation in the MP20041. For reliable
operation, junction temperature should be limited
to 125 ºC maximum.
Load-Transient Considerations
The output response of load-transient consists of
a DC shift and transient response. Because of
the excellent load regulation of MP20041, the DC
shift is very small. The output voltage transient
depends on the output capacitor’s value and the
ESR. Increasing the capacitance and decreasing
the ESR will improve the transient response.
Typical
output
voltage
transient
spike
of
MP20041 for a step change in the load current
from
10mA
to
100mA
is
tens
mV.


Similar Part No. - MP20041DGT-GB-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-DD-LF-Z MPS-MP20042DG-DD-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-JG-LF-Z MPS-MP20042DG-JG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-MG-LF-Z MPS-MP20042DG-MG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
More results

Similar Description - MP20041DGT-GB-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
   Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com