Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20041DGT-JS-LF-Z Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP20041DGT-JS-LF-Z
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20041DGT-JS-LF-Z Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP20041DGT-JS-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 9Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 10Page - Monolithic Power Systems MP20041DGT-JS-LF-Z Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP20041-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20041 Rev. 1.0
www.MonolithicPower.com
10
1/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB layout guide
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and
thermal
performance.
It
is
highly
recommended to duplicate EVB layout for
optimum performance.
If change is necessary, please follow these
guidelines and take figure 5 for reference.
1) Input and output bypass ceramic capacitors
are suggested to be put close to the IN Pin
and OUT Pin respectively.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3) Connect IN, OUT and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
GND
IN
R1
R2
EN2
EN1
OUT2
CIN
COUT1
COUT2
MP20041
OUT1
EN2
EN1
IN
OUT2
OUT1
Top Layer
Figure 5—PCB Layout


Similar Part No. - MP20041DGT-JS-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-DD-LF-Z MPS-MP20042DG-DD-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-JG-LF-Z MPS-MP20042DG-JG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042DG-MG-LF-Z MPS-MP20042DG-MG-LF-Z Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
More results

Similar Description - MP20041DGT-JS-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
First Silicon Co., Ltd
FC8130 FS-FC8130 Datasheet
1Mb / 16P
   Ultra High-PSRR, Low-Noise, 300mA C MOS Linear Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
   Dual 300mA High PSRR Linear Regulator
VER 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com