Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP20042DG-ZS-LF-Z Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20042DG-ZS-LF-Z
Description  Dual, Low Noise, High PSRR 200mA Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20042DG-ZS-LF-Z Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20042DG-ZS-LF-Z Datasheet HTML 1Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 2Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 3Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 4Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 5Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 6Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 7Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 8Page - Monolithic Power Systems MP20042DG-ZS-LF-Z Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP20042-DUAL, LOW NOISE, HIGH PSRR, 200mA LINEAR REGULATOR
MP20042 Rev. 0.9
www.MonolithicPower.com
5
9/28/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.6V, VOUT1=2.5V, VOUT2=1.8V, CIN=COUT1=COUT2=2.2uF, EN1=EN2=VIN, Typical Value at TA =
25
°C for Both Channel Enabled.
0
10
20
30
40
50
60
70
80
10
100
1000
10000 100000 1000000
0
20
40
60
80
100
120
100
1000
10000
100000 1000000
FREQUENCY(Hz)
FREQUENCY(Hz)
INPUT VOLTAGE (V)
0
30
60
90
120
150
180
2.5
3
3.5
4
4.5
5
5.5
6
-20
0
20
40
60
85
VOUT
10mV/div
VIN
1V/div
Line Transient Response
VOUT=3.5V to 4.5V, CIN=0uF, COUT=2.2uF
No Load
1ms/div
VOUT
10mV/div
ILOAD
50mA/div
1ms/div
VOUT
1V/div
VEN
5V/div
Load Transient Response
VIN=3.6V, VOUT=1.8V
ILOAD=0 to 80mA, with Resistor Load
EN Pin Shut Down Response
VIN=3.6V, VOUT=1.8V, VEN=0 to 5V
ILOAD=50mA, with Resistor Load
Power Supply Rejection
Ratio vs. Frequency
Channel-to-Channel
Isolation vs. Frequency
Quiescent Current vs.
Temperature
Quiescent Current vs.
Supply Voltage
200
150
100
50
0
Dropout Voltage vs.
Temperature
200
220
240
260
280
300
-40 -20
0
20
40
60
85
ILOAD=200mA
-40 -20
0
20
40
60
85
Out Voltage Accuracy vs.
Temperature
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25


Similar Part No. - MP20042DG-ZS-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GB-LF-Z MPS-MP20041DGT-GB-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GC-LF-Z MPS-MP20041DGT-GC-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20041DGT-GJ-LF-Z MPS-MP20041DGT-GJ-LF-Z Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
More results

Similar Description - MP20042DG-ZS-LF-Z

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
   Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
   20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com