Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP18024 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP18024
Description  100V, 4A, High Frequency Half-Bridge Gate Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP18024 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP18024 Datasheet HTML 2Page - Monolithic Power Systems MP18024 Datasheet HTML 3Page - Monolithic Power Systems MP18024 Datasheet HTML 4Page - Monolithic Power Systems MP18024 Datasheet HTML 5Page - Monolithic Power Systems MP18024 Datasheet HTML 6Page - Monolithic Power Systems MP18024 Datasheet HTML 7Page - Monolithic Power Systems MP18024 Datasheet HTML 8Page - Monolithic Power Systems MP18024 Datasheet HTML 9Page - Monolithic Power Systems MP18024 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP18024―100V, 4A HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP18024 Rev. 1.0
www.MonolithicPower.com
6
6/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 12V, VSS = VSW = 0V, TA = 25C, unless otherwise noted.
IBSTO Operation Current vs.
Frequency
High Level Output
Voltage vs. Temperature
Undervoltage Lockout
Threshold vs. Temperature
Undervoltage Lockout
Hysteresis vs. Temperature
Low Level Output
Voltage vs. Temperature
Quiescent Current vs.
Voltage
INH=INL=0V
Bootstrap Diode I-V
Characteristic
IDDO Operation Current vs.
Frequency
0
2
4
6
8
10
12
14
16
18
20
0
200
400
600
800
1000
0
2
4
6
8
10
12
14
16
0
200
400
600
800 1000
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
-50
0
50
100
150
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
-50
0
50
100
150
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
-50
0
50
100
150
475
480
485
490
495
500
505
510
515
520
-50
0
50
100
150
0.1
1
10
100
1000
0.5
0.6
0.7
0.8
0.9
1
0
20
40
60
80
100
120
140
7
9
11
13
15
17
19
-40OC
-40OC
0OC
0OC
25OC
25OC
125OC
125OC
VDD-VOLH
VDDR
VDDH
VBSTH
VBSTR
VOLL
VOHL
IDDQ vs VDD
IBSTQ vs VBST
VDD-VOHH
Propagation Delay vs.
Temperature
0
5
10
15
20
25
30
-60 -40 -20 0 20 40 60 80 100 120 140
TDHRR
TDHFF
TDLRR
TDLFF


Similar Part No. - MP18024

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MP1802-0-0FH MSYSTEM-MP1802-0-0FH Datasheet
87Kb / 4P
   POTENTIOMETER INPUT LIMIT ALARM
MP1802-0-0FT MSYSTEM-MP1802-0-0FT Datasheet
87Kb / 4P
   POTENTIOMETER INPUT LIMIT ALARM
MP1802-0-0FV MSYSTEM-MP1802-0-0FV Datasheet
87Kb / 4P
   POTENTIOMETER INPUT LIMIT ALARM
MP1802-0-0FX MSYSTEM-MP1802-0-0FX Datasheet
87Kb / 4P
   POTENTIOMETER INPUT LIMIT ALARM
MP1802-0-0FY MSYSTEM-MP1802-0-0FY Datasheet
87Kb / 4P
   POTENTIOMETER INPUT LIMIT ALARM
More results

Similar Description - MP18024

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
   100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
   100V High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
   100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
   100V, 2.5A, High Frequency Half-bridge Gate Driver
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
   100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
   100V, 2.5A, High Frequency Half-Bridge Gate Driver
EV18021A-N-00A MPS-EV18021A-N-00A Datasheet
393Kb / 6P
   100V, High Frequency Half-Bridge Gate Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com