Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP9186GQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9186GQ
Description  20V, 6A Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9186GQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9186GQ Datasheet HTML 1Page - Monolithic Power Systems MP9186GQ Datasheet HTML 2Page - Monolithic Power Systems MP9186GQ Datasheet HTML 3Page - Monolithic Power Systems MP9186GQ Datasheet HTML 4Page - Monolithic Power Systems MP9186GQ Datasheet HTML 5Page - Monolithic Power Systems MP9186GQ Datasheet HTML 6Page - Monolithic Power Systems MP9186GQ Datasheet HTML 7Page - Monolithic Power Systems MP9186GQ Datasheet HTML 8Page - Monolithic Power Systems MP9186GQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP9186
20V, 6A Synchronous
Step-Down Converter
MP9186 Rev. 1.0
www.MonolithicPower.com
1
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The MP9186 is a synchronous, rectified, step-
down,
switch-mode
converter
with
internal
power MOSFETs. It offers a very compact
solution to achieve a 6A continuous output
current over a wide input supply range with
excellent load and line regulation. The MP9186
has synchronous mode operation for higher
efficiency over the output current load range.
Current-mode
operation
provides
a
fast
transient response and eases loop stabilization.
Full protection features include over-current
protection and thermal shutdown.
The MP9186 requires a minimal number of
readily-available standard external components
and is available in a space saving 3mm×3mm
14-pin QFN package.
FEATURES
Wide 4.5V-to-20V Operating Input Range
6A Output Current
Low RDS(ON) Internal Power MOSFETs
Programmable Switching Frequency
Programmable EN Delay
Frequency SYNC from 300kHz to 2MHz
External Clock
Low Power Mode Selectable by an External
Signal
External Soft Start
OCP and Thermal Shutdown
Available in a 14-pin 3x3mm QFN Package
APPLICATIONS
DSL Modems
Cable Modems
Set-top Boxes
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP9186
VCC
U1
R1
2.61k
R2
10k
R
T
75k
C SS
22nF
1V/6A VOU T
VIN
VCC
EN
ON
OFF
LPM
C DEL AY
47nF
R FREQ
30.1k
EN
LPM
FREQ/SYNC
GND
SS
FB
SW
BS T
IN
FREQ/SYNC


Similar Part No. - MP9186GQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP9181DD MPS-MP9181DD Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP9184 MPS-MP9184 Datasheet
913Kb / 20P
   17A, 600kHz, 20V, Wide Input Range, Synchronous Boost Converter in a Small 3mm x 4mm QFN Package
MP9184A MPS-MP9184A Datasheet
1Mb / 26P
   19A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter with Input Disconnect Function
MP9184A MPS-MP9184A Datasheet
1Mb / 8P
   19A, 600kHz 20V Wide Input Synchronous Boost Converter EV Board
More results

Similar Description - MP9186GQ

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
   6A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
   6A, 18V, Synchronous Step-Down Converter
June 2019
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
logo
Monolithic Power System...
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
   2A, 20V Synchronous Step-Down Converter
BL9320 BELLING-BL9320 Datasheet
652Kb / 11P
   2A, 20V Synchronous Step-Down Converter
logo
Linear Technology
LTC3636 LINER-LTC3636 Datasheet
927Kb / 28P
   Dual Channel 6A, 20V Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP8765 MPS-MP8765 Datasheet
1Mb / 21P
   24V, 6A High Efficiency Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
   6A, 17V, 500kHz CSP Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
   6A, 2MHz, High Efficiency Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com