Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPSPG-XXHS700 Datasheet(PDF) 11 Page - World Produts Inc.

Part # WPSPG-XXHS700
Description  WP SPG - SPARK GAP PROTECTORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPSPG-XXHS700 Datasheet(HTML) 11 Page - World Produts Inc.

Back Button WPSPG-XXHS700 Datasheet HTML 7Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 8Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 9Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 10Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 11Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 12Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 13Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 14Page - World Produts Inc. WPSPG-XXHS700 Datasheet HTML 15Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 1.8
WPSPG Spark Gap Protectors | 9
WP SPG - SPARK GAP PROTECTORS
WPSPG Spark Gap Protectors - M Series
0
50
100
150
200
250
300
0
0.5
1
1.5
2
2.5
3
3.5
4
TIME(MINUTES)
Maximum Wave 260C
Cooling
Soldering
Preheating
Peak Temperature
260 ºC
Dipping Time
10 seconds
Soldering
1 time
Item
Conditions
Flow/wave Soldering Recommendation Parameters
unit: mm
Item
Dimensions
A
78
B
78
C
255
C
B
A
L
5000 pcs
M
2500 pcs
H
1500 pcs
SERIES
Minimum Package Quantity
R
L
P
D1
Z
S
t
T
T
W
D
ITEM
W
P
T
Z
R
t
S
D
D1
L
L1 & L2
Dimensions (mm)
52 ± 1.5
5.0 ± 0.5
6.0 ± 1.0
1.2 max.
Leads cannot extend beyond tape.
3.2 max.
0.8 max.
1.5 ~ 4.5
0.5 ± .05
3.0 - 7.5
1 max
Lead Taping
L1
L2
INNER BOX DIMENSIONS


Similar Part No. - WPSPG-XXHS700

ManufacturerPart #DatasheetDescription
logo
Level One
WPS-1133 LVL1-WPS-1133 Datasheet
769Kb / 2P
   Wireless Print Server with 2 USB and 1 Parallel Ports
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
WPS512K8B-XXXRJI ETC1-WPS512K8B-XXXRJI Datasheet
184Kb / 5P
   512Kx8 SRAM
WPS512K8B-XXXRJIB ETC1-WPS512K8B-XXXRJIB Datasheet
184Kb / 5P
   512Kx8 SRAM
WPS512K8B-XXXRJM ETC1-WPS512K8B-XXXRJM Datasheet
184Kb / 5P
   512Kx8 SRAM
More results

Similar Description - WPSPG-XXHS700

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
   Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
   Spark Gap Protectors (SPG)
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
   Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC UNSEMI-UNC Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
   Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com