Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5405N Datasheet(PDF) 9 Page - Texas Instruments

Part # PT5405N
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5405N Datasheet(HTML) 9 Page - Texas Instruments

Back Button PT5405N Datasheet HTML 5Page - Texas Instruments PT5405N Datasheet HTML 6Page - Texas Instruments PT5405N Datasheet HTML 7Page - Texas Instruments PT5405N Datasheet HTML 8Page - Texas Instruments PT5405N Datasheet HTML 9Page - Texas Instruments PT5405N Datasheet HTML 10Page - Texas Instruments PT5405N Datasheet HTML 11Page - Texas Instruments PT5405N Datasheet HTML 12Page - Texas Instruments PT5405N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
PT5400 Series
Adjusting the Output Voltage of the PT5400
Series of 6-A
SWIFT
 Power Modules
The output voltage of the PT5400 series of SWIFT power
modules may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single
external resistor. Table 4-1 gives the allowable adjustment
range for each model of the series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between pin 5 (Vo adj) and pin 3 (GND).
Adjust Down:
Add a resistor (R1), between pin 5 (Vo adj) and
pin 4 (Vout).
Figure 4-1
The values of (R
1) [adjust down], and R2 [adjust up],
can either be calculated using the following formulas, or
may be looked up from the range of values in Table 4-2.
Refer to Figure 4-1 for the placement of the required
resistor; either (R
1) or R2 as appropriate.
(R1)
=
Ro (Va – 0.891)
– 18.2
k
Vo – Va
R2
=
0.891 Ro
– 18.2
k
Va – Vo
Where:
Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value from Table 4-1
Table 4-1
ISR OUTPUT VOLTAGE ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt. No.
PT5401
PT5402
PT5408
PT5403
PT5404
PT5405
PT5406
PT5407
Input Bus
5 V
5 V
3.3 V 4
3.3/5 V
3.3/5 V
3.3/5 V
3.3/5 V
3.3/5 V
Vo (nom)
3.3 V
2.5 V
2.5 V
2 V
1.8 V
1.5 V
1.2 V
1 V
Va (min)
2.9 V
2.0 V
2.0 V
1.65 V
1.5 V
1.3 V
1.1 V
0.97 V
Va (max)
3.5 V
2.95 V
2.5 V 4
2.45 V
2.25 V
1.95 V
1.65 V
1.45 V
Ro (k
Ω)
10.2
10.2
10.2
10.0
10.0
10.2
9.76
10.2
R2
Adjust Up
C2
100
µF
(Req'd)
+V
O
COM
COM
+V
IN
+
(R1)
Adj Down
PT5400
2
35
4
Vin
V o
Vo(adj)
GND
Notes:
1. Use a 1% (or better) tolerance resistor in either the (R1)
or R2 location. Place the resistor as close to the ISR as
possible.
2. Never connect capacitors from Vo adj to either GND or
Vout. Any capacitance added to the Vo adjust pin will affect
the stability of the ISR.
3. For each model, adjustments to the output voltage may
place additional limits on the minimum input voltage. The
revised minimum input voltage must comply with the
following requirement.
Vin(min) = (Va + 1.1) V or as specified in the data sheet,
whichever is greater.
4. The PT5408 operates only from a 3.3-V input bus.
The limited input to output voltage differential of this
model does not allow it to be adjusted higher than its
trimmed output voltage.


Similar Part No. - PT5405N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
PT5405 TI-PT5405 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5405 TI-PT5405 Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
More results

Similar Description - PT5405N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5401C TI-PT5401C Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com